Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA2-12SNP Datasheet(PDF) 6 Page - NEC

Part # EA2-12SNP
Description  MINIATURE SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EA2-12SNP Datasheet(HTML) 6 Page - NEC

  EA2-12SNP Datasheet HTML 1Page - NEC EA2-12SNP Datasheet HTML 2Page - NEC EA2-12SNP Datasheet HTML 3Page - NEC EA2-12SNP Datasheet HTML 4Page - NEC EA2-12SNP Datasheet HTML 5Page - NEC EA2-12SNP Datasheet HTML 6Page - NEC EA2-12SNP Datasheet HTML 7Page - NEC EA2-12SNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
EA2 SERIES
DATA SHEET ER0001EJ6V0DS00
PACKAGE
MAGNETIC INTERFERENCE
ON
ON
ON
ON
ON
ON
OFF
OFF
ON
OFF
OFF
I
II
III
IV
Layout V
OFF
OFF
OFF
Layout VI
Mounting Layout (mm)
2.54
50
40
30
20
10
0
I
II
III
IV
V
Min.
Min.
Max.
Max.
VI
–10
–20
–30
–40
–50
50
40
30
20
10
0
I
Layout
Layout
Layout
Layout
Layout
Layout
II
III
IV
V
VI
–10
–20
–30
–40
–50
Sample
Rubber stopper (Red)
Rubber stopper (Green)
Index Mark
586 1
13.7 0.3
(4.5)
+
+
( ) Reference
Dimensions of Relay Tube (Unit : mm)
40 pieces / Tube
Material : Polyvinyl chloride
(auti-static treated)
Outline of Package


Similar Part No. - EA2-12SNP

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-12SNP NEC-EA2-12SNP Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results

Similar Description - EA2-12SNP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com