Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA2-12SNP Datasheet(PDF) 3 Page - NEC

Part # EA2-12SNP
Description  MINIATURE SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EA2-12SNP Datasheet(HTML) 3 Page - NEC

  EA2-12SNP Datasheet HTML 1Page - NEC EA2-12SNP Datasheet HTML 2Page - NEC EA2-12SNP Datasheet HTML 3Page - NEC EA2-12SNP Datasheet HTML 4Page - NEC EA2-12SNP Datasheet HTML 5Page - NEC EA2-12SNP Datasheet HTML 6Page - NEC EA2-12SNP Datasheet HTML 7Page - NEC EA2-12SNP Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DATA SHEET ER0001EJ6V0DS00
EA2 SERIES
PART NUMBER SYSTEM
EA2 – 3 S NU
Nil : Standard type
NU : UL recognized, CSA certified type
NJ : Trimmed leads type ∗
NP : Silver-palladium alloy contact (with gold alloy overlay) ∗
Latch type
Nil : Non-latch type (standard type)
S : Single coil latch type
T : Double coil latch type
Nominal coil voltage
3, 4.5, 5, 6, 9, 12, 24 Volts
EA2 series
∗ UL recognized, CAS certified type
2 form c
30 W (resistive)
62.5 VA (resistive)
220 Vdc
250 Vac
1 A
2 A
10 mVdc, 10
µA ∗1
50 m
Ω typ. (Initial)
Silver alloy with gold alloy overlay
140 mW (3 to 12 V)
200 mW (24 V)
100 mW (3 to 12 V)
150 mW (24 V)
79 mW (3 to 12 V)
113 mW (24 V)
56 mW (3 to 12 V)
85 mW (24 V)
Approximately 2 ms without diode
Approximately 1 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac (for one minute)
1500 V surge (10
× 160
µs ∗2)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz at double amplitude of 3 mm (20 G)
(misoperating)
10 to 55 Hz, at double amplitude of 5 mm (30 G)
(destructive failure)
–40
°C to 85°C
18 degrees at nominal coil voltage
1
× 108 operations (Non-latch type) ∗3
1
× 107 operations (latch type)
50 Vdc 0.1 A (resistive), 1
× 106 operations at 85˚C, 2 Hz
10 Vdc 10 mA (resistive), 1
× 106 operations at 85˚C, 2 Hz
Approximately 1.5 grams
Contact Form
Maximum switching power
Maximum switching voltage
Maximum switching current
Maximum carrying current
Minimum contact ratings
Initial contact resistance
Contact material
Non-latch type and double coil latch type
Single coil Latch type
Non-latch type and double coil latch type
Single coil latch type
Operate time (excluding bounce)
Release time (excluding bounce)
Insulation resistance
Between open contacts
Breakdown voltage
Between adjacent contacts
Between coil and contact
Shock resistance
Vibration resistance
Ambient temperature
Coil temperature rise
Noload
Load
Weight
PERFORMANCE CHARACTERISTICS
1 This value is a reference value in the resistance load.
Minimum capacity changes depending on seitching frequency and environment temperature and the load.
2 Rise time : 10 µs, fall time : 160 µs
3 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of
operation by which a steady characteristic is maintained is 1
× 107 times.
Minimum operating Power
Nominal operating Power
Running specifications
Contact rating


Similar Part No. - EA2-12SNP

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-12SNP NEC-EA2-12SNP Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results

Similar Description - EA2-12SNP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com