Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF2-9TNU Datasheet(PDF) 6 Page - NEC

Part # EF2-9TNU
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-9TNU Datasheet(HTML) 6 Page - NEC

Back Button EF2-9TNU Datasheet HTML 2Page - NEC EF2-9TNU Datasheet HTML 3Page - NEC EF2-9TNU Datasheet HTML 4Page - NEC EF2-9TNU Datasheet HTML 5Page - NEC EF2-9TNU Datasheet HTML 6Page - NEC EF2-9TNU Datasheet HTML 7Page - NEC EF2-9TNU Datasheet HTML 8Page - NEC EF2-9TNU Datasheet HTML 9Page - NEC EF2-9TNU Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ED2/EF2 SERIES
DATA SHEET ER0304EJ2V0DS00
6
NOMINAL LINEUP (Community)
Non-latch Type (Standard)
Nominal Coil
Voltage
(Vdc)
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
45
180
405
500
720
1473
2400
8229
Must Operate
Voltage
(Vdc)
1.2
2.4
3.6
4
4.8
7.2
9.6
19.2
Must Release
Voltage
(Vdc)
0.15
0.3
0.45
0.5
0.6
0.9
1.2
2.4
at 20˚C
Nominal
operate power
(mW)
50
50
50
50
50
55
60
70
Single-Coil Latch Type
Nominal Coil
Voltage
(Vdc)
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
75
300
675
833
1200
2700
4800
7200
Must Operate
Voltage
(Vdc)
1.2
2.4
3.6
4
4.8
7.2
9.6
19.2
Must Release
Voltage
(Vdc)
1.2
2.4
3.6
4
4.8
7.2
9.6
19.2
at 20˚C
Nominal
operate power
(mW)
30
30
30
30
30
30
30
80
Non-latch Type (Additional “N”)
Nominal Coil
Voltage
(Vdc)
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
45
180
405
500
720
1473
2400
8229
Must Operate
Voltage
(Vdc)
1.13
2.25
3.38
3.75
4.5
6.75
9
18
Must Release
Voltage
(Vdc)
0.15
0.3
0.45
0.5
0.6
0.9
1.2
2.4
at 20˚C
Nominal
operate power
(mW)
50
50
50
50
50
55
60
70


Similar Part No. - EF2-9TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NU NEC-EF2-3NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NUH-L NEC-EF2-3NUH-L Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-5NU NEC-EF2-5NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-9TNU

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com