Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF2-9TNU Datasheet(PDF) 4 Page - NEC

Part # EF2-9TNU
Description  Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EF2-9TNU Datasheet(HTML) 4 Page - NEC

  EF2-9TNU Datasheet HTML 1Page - NEC EF2-9TNU Datasheet HTML 2Page - NEC EF2-9TNU Datasheet HTML 3Page - NEC EF2-9TNU Datasheet HTML 4Page - NEC EF2-9TNU Datasheet HTML 5Page - NEC EF2-9TNU Datasheet HTML 6Page - NEC EF2-9TNU Datasheet HTML 7Page - NEC EF2-9TNU Datasheet HTML 8Page - NEC EF2-9TNU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ED2/EF2 SERIES
DATA SHEET ER0304EJ2V0DS00
4
2 Form c
30 W (resistive)
62.5 VA (resistive)
220 Vdc
250 Vac
1 A
2 A
10 mV.dc, 10
µA *4
50 m
Ω typ. (Initial)
Silver alloy with gold alloy overlay
50 to 70 mW
30 to 80 mW
50 to 80 mW
Approximately 3 ms
Approximately 2 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac for one minute (1500 V surge, 10
× 160
µs ∗1)
Non-latch type and single-coil latch type
1500 Vac for one minute (2500 V surge, 2
× 10
µs *2)
Double-coil latch type
1000 Vac for one minute (1500 V surge, 10
× 160
µs *1)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz at double amplitude of 3 mm (20 G)
(misoperating)
10 to 55 Hz, double amplitude of 5 mm (30 G)
(Destructive failure)
Non-latch type (Additional “N”): –40 to +85˚C
Non-latch type (Standard): –40 to +70˚C
Latch type : –40 to +70˚C
7 degrees at nominal coil voltage (50 mW)
1
× 108 *3 operations (Non-latch type)
1
× 107 operations (Latch type)
50 Vdc 0.1 A (resistive), 1
× 106 operations at 70˚C
10 Vdc 10 mA (resistive), 1
× 106 operations at 70˚C
Approximately 2.2 grams
Nominal Operating Power
Contact Form
Maximum Switching Power
Maximum Switching Voltage
Maximum Switching Current
Maximum Carrying Current
Minimum Contact Ratings
Initial Contact Resistance
Contact Material
Non-Latch Type
Single Coil Latch Type
Double Latch Type
Operate Time (Excluding Bounce)
Release Time (Excluding Bounce)
Insulation Resistance
Between Open Contacts
Breakdown Voltage
Between Adjacent Contacts
Between Coil and Contact
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
No-load
Load
Weight
PERFORMANCE CHARACTERISTICS (Community)
Running specifications
1 rise time : 10 µs, fall time : 160 µs
2 rise time : 2 µs, fall time : 10 µs
3 This shows a number of operation where it can be running by which a fatal is not caused, and number of operation by wich
a stesdy characteristic is maintained is 1
× 107 times.
4 This value is a reference value in the resistive load.
Minimum capacity changes depending on seitching frequency and enviroment temperature and the load.
Contact Ratings


Similar Part No. - EF2-9TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EF2-24NU NEC-EF2-24NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-24NUX NEC-EF2-24NUX Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NU NEC-EF2-3NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-3NUH-L NEC-EF2-3NUH-L Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EF2-5NU NEC-EF2-5NU Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results

Similar Description - EF2-9TNU

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com