Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA936EDJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIA936EDJ
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA936EDJ Datasheet(HTML) 2 Page - Vishay Siliconix

  SIA936EDJ Datasheet HTML 1Page - Vishay Siliconix SIA936EDJ Datasheet HTML 2Page - Vishay Siliconix SIA936EDJ Datasheet HTML 3Page - Vishay Siliconix SIA936EDJ Datasheet HTML 4Page - Vishay Siliconix SIA936EDJ Datasheet HTML 5Page - Vishay Siliconix SIA936EDJ Datasheet HTML 6Page - Vishay Siliconix SIA936EDJ Datasheet HTML 7Page - Vishay Siliconix SIA936EDJ Datasheet HTML 8Page - Vishay Siliconix SIA936EDJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiA936EDJ
www.vishay.com
Vishay Siliconix
S13-2624-Rev. A, 23-Dec-13
2
Document Number: 62929
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
20
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
24
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
-3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
0.6
1.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.2
μA
VDS = 0 V, VGS = ± 12 V
± 10
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 4.5 V
10
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 4.5 V, ID = 4 A
0.027
0.034
VGS = 3.7 V, ID = 3 A
0.029
0.037
VGS = 2.5 V, ID = 3 A
0.035
0.045
Forward Transconductance a
gfs
VDS = 10 V, ID = 4 A
22
S
Dynamic b
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 6 A
11.3
17
nC
VDS = 10 V, VGS = 4.5 V, ID = 6 A
5.4
8.1
Gate-Source Charge
Qgs
1
Gate-Drain Charge
Qgd
1.3
Gate Resistance
Rg
f = 1 MHz
0.4
1.8
3.6
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 2 
ID  5 A, VGEN = 4.5 V, Rg = 1 
10
20
ns
Rise Time
tr
32
65
Turn-Off DelayTime
td(off)
22
45
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 2 
ID  5 A, VGEN = 10 V, Rg = 1 
10
20
Rise Time
tr
10
20
Turn-Off DelayTime
td(off)
20
40
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4.5
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 5 A, VGS = 0 V
0.84
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/μs, TJ = 25 °C
10
20
ns
Body Diode Reverse Recovery Charge
Qrr
410
nC
Reverse Recovery Fall Time
ta
6
ns
Reverse Recovery Rise Time
tb
4


Similar Part No. - SIA936EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SIA931DJ VISHAY-SIA931DJ Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA931DJ-T1-GE3 VISHAY-SIA931DJ-T1-GE3 Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA931DJ VISHAY-SIA931DJ_V01 Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA938DJT VISHAY-SIA938DJT Datasheet
317Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA936EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com