Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G112-EA Datasheet(PDF) 1 Page - ebm-papst

Part # M3G112-EA
Description  EC centrifugal fan - RadiPac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G112-EA Datasheet(HTML) 1 Page - ebm-papst

  M3G112-EA Datasheet HTML 1Page - ebm-papst M3G112-EA Datasheet HTML 2Page - ebm-papst M3G112-EA Datasheet HTML 3Page - ebm-papst M3G112-EA Datasheet HTML 4Page - ebm-papst M3G112-EA Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC centrifugal fan - RadiPac
backward-curved, single-intake
R3G310-AX52-90
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2 · D-74673 Mulfingen
Phone +49 7938 81-0
Fax +49 7938 81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Limited partnership · Headquarters Mulfingen
Amtsgericht (court of registration) Stuttgart · HRA 590344
General partner Elektrobau Mulfingen GmbH · Headquarters Mulfingen
Amtsgericht (court of registration) Stuttgart · HRB 590142
Nominal data
Type
R3G310-AX52-90
Motor
M3G112-EA
Phase
3~
Nominal voltage
VAC
400
Nominal voltage range
VAC
380 .. 480
Frequency
Hz
50/60
Method of obtaining data
ml
Speed
min-1
2580
Power consumption
W
1000
Current draw
A
1.63
Min. ambient temperature
°C
-25
Max. ambient temperature
°C
55
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
Data according to ErP Directive
Actual
Req. 2015
01 Overall efficiency ηes
%
63.3
51.4
02 Measurement category
A
03 Efficiency category
Static
04 Efficiency grade N
73.9
62
05 Variable speed drive
Yes
Data obtained at optimum efficiency level.
The ErP data is determined using a motor-impeller combination in a standardized measurement setup.
09 Power consumption Ped
kW
0.98
09 Air flow qv
m³/h
3050
09 Pressure increase pfs
Pa
681
10 Speed n
min-1
2590
11 Specific ratio*
1.01
* Specific ratio = 1 + p
fs / 100 000 Pa
LU-106400
Item no. 51188-5-9980 · ENU · Change 83473 · Approved 2015-03-17 · Page 1 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - M3G112-EA

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M3G112-EA EBMPAPST-M3G112-EA Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
More results

Similar Description - M3G112-EA

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G310-AX54-21 EBMPAPST-R3G310-AX54-21 Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
R3G310-BB49-03 EBMPAPST-R3G310-BB49-03 Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
R3G310-AZ88-03 EBMPAPST-R3G310-AZ88-03 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G310-AY73-13 EBMPAPST-R3G310-AY73-13 Datasheet
1Mb / 2P
   EC centrifugal fans - RadiPac
R3G190-RC05-03 EBMPAPST-R3G190-RC05-03 Datasheet
546Kb / 5P
   EC centrifugal fan - RadiCal
2016-04-29
R3G310-RS05-J1 EBMPAPST-R3G310-RS05-J1 Datasheet
1Mb / 5P
   EC centrifugal fan - RadiCal
R3G250-RE09-07 EBMPAPST-R3G250-RE09-07 Datasheet
886Kb / 5P
   EC centrifugal fan - RadiCal
R3G310-RS01-I1 EBMPAPST-R3G310-RS01-I1 Datasheet
1Mb / 6P
   EC centrifugal fan-RadiCal
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
   EC centrifugal fans
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com