Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMA541SKC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OMA541SKC
Description  HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMA541SKC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OMA541SKC Datasheet HTML 1Page - List of Unclassifed Manufacturers OMA541SKC Datasheet HTML 2Page - List of Unclassifed Manufacturers OMA541SKC Datasheet HTML 3Page - List of Unclassifed Manufacturers OMA541SKC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.4 - 41
3.4
8-Pin, TO-3 And DIP, 10 Amp Monolithic Power
Operational Amplifier
4 11 R1
Supersedes 2 05 R0
HIGH POWER, HIGH CURRENT
OPERATIONAL AMPLIFIER
FEATURES
• Available In Isolated Standard TO-3, “Copper Slug” TO-3 And
Power DIP Packages
• 10 Amp Peak Output Current
• Power Supplies to ±40V
• Programmable Current Limit
• FET Input
• Available Screened to MIL-STD-883
DESCRIPTION
The OMA541 is a power operational amplifier capable of operation from power
supplies up to ±40V and continuous output current up to 5A. Internal current limit
circuitry can be user-programmed with a single external resistor, protecting the
amplifier and load from fault conditions. The OMA541 pinout is compatible with
popular power operational amplifiers such as the OPA511, OPA512 and OPA3573.
This device is ideally suited for Military motor driver, servo amplifier, synchro
exertation as well as other power drive circuitry. The OMA541SKC incorporates a
copper slug to the header for improved thermal performance.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Supply Voltage, +VS To -VS ............................................ 80V
Output Current, Continuous ............................................. 5A
Power Dissipation, Internal ........................................... 125W
Operating Temperature Range ................................ -55°C to 125°C
Storage Temperature Range ................................. -55°C to 150°C
Maximum Junction Temperature ...................................... 150°C
Lead Temperature (10 Sec. Soldering) ................................ 300°C
OMA541SKC
OMA541SDZ
OMA541SK
OMA541SD
SCHEMATIC
PIN CONNECTION
-In
R
CL
-V
S
+In
+V
S
Current
Sense
Output
Drive
(ext.)
Output
Current
Sense
NC
+VS
-VS
-In
+In
NC
Output
Drive
RCL
Output
1
2
3
4
5
6
7
8
+
-
D-8 Top View
TO-3 Top View
Pin 1: -V
S
Pin 2: NC
Pin 3: OUTPUT
Pin 4: CS
Pin 5: +V
S
Pin 6: NC
Pin 7: +IN
Pin 8: -IN
Pin 1 Designation
12
3
4
87
6
5


Similar Part No. - OMA541SKC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMA541SFB ETC1-OMA541SFB Datasheet
40Kb / 4P
   Monolithic Operational Amplifier In Isolated Flat Packs
More results

Similar Description - OMA541SKC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA511 BURR-BROWN-OPA511 Datasheet
65Kb / 6P
   High Current-High Power OPERATIONAL AMPLIFIER
OPA501 BURR-BROWN-OPA501 Datasheet
100Kb / 6P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA8201SF ETC-OMA8201SF Datasheet
18Kb / 2P
   DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
OPA561 TI-OPA561 Datasheet
545Kb / 16P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com