Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD60N02R-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD60N02R-1G
Description  Power MOSFET 62 A, 24 V, N-Channel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD60N02R-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD60N02R-1G Datasheet HTML 1Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 2Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 3Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 4Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 5Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 6Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 7Page - ON Semiconductor NTD60N02R-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD60N02R
http://onsemi.com
7
PACKAGE DIMENSIONS
D
A
B
R
V
S
F
L
2 PL
M
0.13 (0.005)
T
E
C
U
J
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.025
0.035
0.63
0.88
E
0.018
0.024
0.46
0.61
F
0.033
0.045
0.83
1.14
J
0.018
0.023
0.46
0.58
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
DPAK
CASE 369AA−01
ISSUE O
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NTD60N02R-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD60N02R-1G VBSEMI-NTD60N02R-1G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD60N02R-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD24N06 ONSEMI-NTD24N06 Datasheet
125Kb / 8P
   Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD20N03L27 ONSEMI-NTD20N03L27_V01 Datasheet
212Kb / 7P
   MOSFET –Power, N-Channel, DPAK 20 A, 30 V
May, 2019 - Rev. 6
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD65N03R ONSEMI-NTD65N03R Datasheet
74Kb / 8P
   Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
July, 2006 ??Rev. 3
NVLJWS070N06CL ONSEMI-NVLJWS070N06CL Datasheet
160Kb / 7P
   MOSFET - Power, Single N-Channel 60 V, 62 m, 11 A
July, 2022 - Rev. 0
logo
STMicroelectronics
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
logo
ON Semiconductor
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com