Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2E220-RA44-14 Datasheet(PDF) 2 Page - ebm-papst

Part # R2E220-RA44-14
Description  AC centrifugal fans - RadiCal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220-RA44-14 Datasheet(HTML) 2 Page - ebm-papst

  R2E220-RA44-14 Datasheet HTML 1Page - ebm-papst R2E220-RA44-14 Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.80(71+1)
Accessory part:
Inlet nozzle 09609-2-4013,
not included in the standard
scope of delivery
Connection line PFA
4G 0.5mm2, 4x brass
lead tips crimped
0.08(2)
2.51(63.7)
Depth of screw max. 5mm
0.08(2)
R2E220-RAXX-XX
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
B
B
B
B
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
qv[cfm]
550
500
450
400
350
300
250
200
150
100
50
0
500
480
460
440
420
400
380
360
340
320
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
2
1,9
1,8
1,7
1,6
1,5
1,4
1,3
1,2
1,1
1
0,9
0,8
0,7
0,6
0,5
0,4
0,3
0,2
0,1
0
]a
P[
s
fp
1
2
3
4
2450
102
0.46
69
2220
106
0.46
62
2050
107
0.47
60
2215
105
0.46
65
Measurement: LU-136805
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels:
LWA as per ISO 13347, LPA
measured at 1m distance to
fan axis.
The values given are valid
under the measuring
conditions mentioned and may
vary accoring to the actual
installation situation.
With any deviation to the
standard set-up, the specific
values have to be checked
and reviewed once installed
or fitted.
For detailed information on
the measuring set-up, please
contact ebm-papst.
R2E220-RA38-13
Curves
n
rpm
Pe
W
I
A
(230V)
LwA
dB(A)


Similar Part No. - R2E220-RA44-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2E220-RA44-14 ETC2-R2E220-RA44-14 Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
R2E220-RA44-14 ETC2-R2E220-RA44-14 Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
logo
ebm-papst
R2E220-RA44-14 EBMPAPST-R2E220-RA44-14 Datasheet
588Kb / 2P
   AC centrifugal fans
More results

Similar Description - R2E220-RA44-14

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E225-RA EBMPAPST-R2E225-RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal
R2E190-RA EBMPAPST-R2E190-RA Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
R2E250-RB EBMPAPST-R2E250-RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal
logo
List of Unclassifed Man...
R2E190RA ETC2-R2E190RA Datasheet
603Kb / 2P
   AC centrifugal fans - RadiCal
logo
ebm-papst
R3G250-RE EBMPAPST-R3G250-RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
R3G190-RD EBMPAPST-R3G190-RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal
R3G220-RD EBMPAPST-R3G220-RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal
R4E310-RA06-01 EBMPAPST-R4E310-RA06-01 Datasheet
795Kb / 5P
   AC centrifugal fan - RadiCal
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
   AC centrifugal fans
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com