Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD23N03R Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD23N03R
Description  23 Amps, 25 Volts, N-Channel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD23N03R Datasheet(HTML) 5 Page - ON Semiconductor

  NTD23N03R Datasheet HTML 1Page - ON Semiconductor NTD23N03R Datasheet HTML 2Page - ON Semiconductor NTD23N03R Datasheet HTML 3Page - ON Semiconductor NTD23N03R Datasheet HTML 4Page - ON Semiconductor NTD23N03R Datasheet HTML 5Page - ON Semiconductor NTD23N03R Datasheet HTML 6Page - ON Semiconductor NTD23N03R Datasheet HTML 7Page - ON Semiconductor NTD23N03R Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD23N03R
http://onsemi.com
5
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 12. Thermal Response
t, TIME (s)
10
1
0.00001
0.001
0.01
0.1
10
0.0001
1
0.1
D = 0.5
0.2
0.1
SINGLE PULSE
0.05
0.01
ORDERING INFORMATION
Device
Package
Shipping
NTD23N03R
DPAK
75 Units/Rail
NTD23N03RG
DPAK
(Pb−Free)
75 Units/Rail
NTD23N03R−1
DPAK−3
75 Units/Rail
NTD23N03R−1G
DPAK
(Pb−Free)
75 Units/Rail
NTD23N03RT4
DPAK
2500 Tape & Reel
NTD23N03RT4G
DPAK
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD23N03R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD23N03R-1G VBSEMI-NTD23N03R-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD23N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD14N03R ONSEMI-NTD14N03R_07 Datasheet
86Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
October, 2007 - Rev. 5
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
   Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTD4302 ONSEMI-NTD4302 Datasheet
85Kb / 10P
   Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
October, 2010 ??Rev. 8
NGD18N45CLB ONSEMI-NGD18N45CLB Datasheet
105Kb / 8P
   Ignition IGBT 18 Amps, 450 Volts N−Channel DPAK
June, 2016 - Rev. 1
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
logo
List of Unclassifed Man...
NTD3055L104 ETC-NTD3055L104 Datasheet
113Kb / 8P
   12 Amps, 60 Volts, Logic Level N−Channel DPAK
October, 2010 - Rev. 7
logo
ON Semiconductor
MGSF2N02E ONSEMI-MGSF2N02E Datasheet
54Kb / 6P
   2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com