Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE85618 Datasheet(PDF) 9 Page - NEC

Part # NE85618
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85618 Datasheet(HTML) 9 Page - NEC

Back Button NE85618 Datasheet HTML 5Page - NEC NE85618 Datasheet HTML 6Page - NEC NE85618 Datasheet HTML 7Page - NEC NE85618 Datasheet HTML 8Page - NEC NE85618 Datasheet HTML 9Page - NEC NE85618 Datasheet HTML 10Page - NEC NE85618 Datasheet HTML 11Page - NEC NE85618 Datasheet HTML 12Page - NEC NE85618 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
NE856 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 2.5 V, IC = 1 mA
50
0.964
-14.4
3.517
167.7
0.022
85.5
0.990
-3.8
0.02
22.0
100
0.957
-26.7
3.474
160.8
0.047
76.1
0.972
-10.5
0.03
18.7
200
0.920
-50.4
3.216
144.0
0.084
59.3
0.932
-20.4
0.11
15.8
300
0.871
-71.6
2.886
129.9
0.116
47.6
0.881
-27.1
0.17
14.0
400
0.833
-90.1
2.583
117.1
0.134
37.4
0.828
-33.0
0.22
12.9
500
0.798
-105.2
2.297
106.5
0.146
29.9
0.782
-37.6
0.28
12.0
600
0.772
-118.0
2.044
97.1
0.150
23.6
0.745
-41.8
0.34
11.3
700
0.754
-129.0
1.839
89.1
0.153
17.5
0.721
-45.7
0.40
10.8
800
0.739
-138.8
1.674
81.8
0.152
13.0
0.704
-49.2
0.46
10.4
900
0.728
-147.1
1.530
75.1
0.152
9.1
0.689
-52.4
0.53
10.0
1000
0.721
-154.8
1.406
69.2
0.150
5.2
0.680
-55.7
0.59
9.7
1500
0.701
174.1
1.016
44.4
0.124
-0.4
0.657
-71.1
0.97
9.1
2000
0.696
148.5
0.801
25.3
0.104
12.6
0.642
-86.1
1.45
4.9
2500
0.700
124.4
0.672
11.1
0.128
34.2
0.628
-102.3
1.43
3.3
3000
0.706
102.3
0.594
-0.2
0.198
38.6
0.610
-120.9
1.16
2.3
50
0.891
-22.1
9.720
163.1
0.022
83.5
0.980
-7.9
0.03
26.5
100
0.864
-39.3
9.323
153.2
0.045
68.3
0.915
-19.1
0.12
23.2
200
0.790
-71.8
7.861
132.7
0.071
51.0
0.806
-32.8
0.20
20.4
300
0.723
-96.9
6.425
118.0
0.092
40.8
0.682
-41.8
0.28
18.4
400
0.676
-116.0
5.336
106.4
0.097
33.1
0.602
-47.8
0.37
17.4
500
0.651
-130.3
4.518
97.4
0.102
30.0
0.545
-51.5
0.45
16.5
600
0.633
-141.5
3.876
89.8
0.106
27.5
0.501
-54.6
0.53
15.6
700
0.618
-151.1
3.401
83.5
0.107
25.5
0.476
-57.1
0.62
15.0
800
0.608
-159.1
3.031
77.6
0.109
24.3
0.456
-59.7
0.71
14.4
900
0.600
-166.0
2.733
72.3
0.110
23.4
0.445
-61.9
0.79
14.0
1000
0.597
-172.5
2.488
67.6
0.112
23.3
0.438
-64.5
0.85
13.5
1500
0.585
162.0
1.746
46.4
0.123
25.9
0.420
-75.8
1.13
9.3
2000
0.578
140.2
1.369
28.5
0.148
30.8
0.414
-88.1
1.23
6.8
2500
0.587
119.7
1.144
12.8
0.185
32.0
0.402
-101.5
1.19
5.3
3000
0.599
100.4
0.996
-1.6
0.243
27.2
0.385
-119.0
1.08
4.4
3500
0.625
83.1
0.887
-15.0
0.302
19.5
0.362
-142.2
1.02
3.8
4000
0.656
68.4
0.806
-26.5
0.365
8.4
0.363
-170.7
0.96
3.4
NE85619
50
0.751
-31.8
19.537
157.2
0.021
80.6
0.935
-14.4
0.10
29.7
100
0.723
-58.1
17.622
143.1
0.038
64.8
0.808
-30.3
0.20
26.7
200
0.633
-98.5
12.973
120.5
0.055
46.8
0.633
-47.2
0.34
23.7
300
0.590
-122.8
9.717
107.1
0.064
44.0
0.496
-54.9
0.46
21.8
400
0.560
-139.6
7.662
97.7
0.069
40.8
0.417
-59.9
0.58
20.5
500
0.548
-151.6
6.301
90.5
0.073
40.5
0.365
-62.5
0.70
19.4
600
0.539
-160.4
5.317
84.3
0.078
40.2
0.334
-64.4
0.79
18.3
700
0.533
-167.9
4.613
79.2
0.084
40.5
0.311
-66.5
0.86
17.4
800
0.525
-174.3
4.074
74.4
0.089
41.0
0.299
-68.0
0.93
16.6
900
0.524
179.9
3.659
69.9
0.095
40.9
0.289
-69.7
0.98
15.9
1000
0.520
174.8
3.314
66.0
0.101
42.2
0.284
-71.5
1.02
14.3
1500
0.510
153.2
2.295
47.3
0.138
41.0
0.278
-78.9
1.10
10.3
2000
0.501
134.1
1.788
30.7
0.177
38.4
0.272
-89.3
1.13
7.9
2500
0.507
115.6
1.487
15.5
0.223
31.9
0.262
-100.4
1.10
6.3
3000
0.524
98.9
1.290
0.9
0.272
23.4
0.246
-117.0
1.05
5.4
3500
0.554
83.2
1.146
-13.1
0.322
14.7
0.22
-141.4
1.02
4.6
4000
0.598
69.6
1.035
-25.8
0.367
4.2
0.22
-174.0
0.98
4.5
4500
0.633
57.2
0.936
-37.6
0.411
-6.1
0.252
154.6
0.96
3.6
5000
0.655
45.3
0.851
-48.1
0.447
-16.4
0.305
133.2
0.96
2.8
VCE = 2.5 V, IC = 3 mA
VCE = 3 V, IC = 7 mA
Coordinates in Ohms
Frequency in GHz
VCE = 2.5 V, IC = 3 mA
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
90˚
45˚
0.1
0.2
0.3
2.5
5.0
7.5
10.0
S12


Similar Part No. - NE85618

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE85618 CEL-NE85618 Datasheet
37Kb / 1P
   NONLINEAR MODEL
NE85618-T1 CEL-NE85618-T1 Datasheet
831Kb / 26P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85618-T1 CELDUC-NE85618-T1 Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE85618-T1-A CEL-NE85618-T1-A Datasheet
831Kb / 26P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85618-T1-A CELDUC-NE85618-T1-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE85618

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com