Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU60R3K4CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPU60R3K4CE
Description  600V CoolMOS짧 CE Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU60R3K4CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPU60R3K4CE Datasheet HTML 3Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 4Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 5Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 6Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 7Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 8Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 9Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 10Page - Infineon Technologies AG IPU60R3K4CE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
600VCoolMOSªCEPowerTransistor
IPD60R3K4CE,IPU60R3K4CE,IPS60R3K4CE
Rev.2.0,2016-02-26
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
1
2
3
4
5
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
5 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
98%
typ
RDS(on)=f(Tj);ID=0.5A;VGS=10V


Similar Part No. - IPU60R3K4CE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPU60R3K4CE ISC-IPU60R3K4CE Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPU60R3K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R2K1CE INFINEON-IPD60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPD60R1K5CE INFINEON-IPD60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
IPA60R460CE INFINEON-IPA60R460CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPA60R400CE INFINEON-IPA60R400CE_16 Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPAW60R280CE INFINEON-IPAW60R280CE Datasheet
1,012Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPS60R800CE INFINEON-IPS60R800CE Datasheet
948Kb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPAW60R600CE INFINEON-IPAW60R600CE Datasheet
985Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R1K5CE INFINEON-IPU60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com