Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCP-12-50 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # PTCP-12-50
Description  SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

PTCP-12-50 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  PTCP-12-50 Datasheet HTML 1Page - Technology Dynamics Inc. PTCP-12-50 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
MECHANICAL OUTLINE
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
OPTION DESIGNATIONS
WIDE TEMPERATURE OPERATION
HOT SWAP
REDUNDANT OPERATION (ORING DIODE)
BATTERY BACK-UP
RUGGEDIZED/MILITARIZED
CONFORMAL COATING
-WTO
-HSP
-ORD
-RK
-MIL
-CC
RACK MOUNT
-LVBD
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to battery backup power
supplies. The power supply simultaneously charges the battery and
powers the load. If the AC power fails, the battery continues to
support the load. However, when the battery voltage drops below a
predetermined level, the LVBD module disconnects the battery from
the load, thereby protecting the battery from the damaging effects of
complete discharge.
PARALLEL OPERATION
-PAR
PANEL MOUNT
-PNL
400 Hz OPPERATION
-400HZ
400 WATTS
600 WATTS
1000 WATTS
Model
Output
Model
Model
PTCP - 5 - 80
3.5/5V@80A
PTCP - 15 - 40
12V@50A
PTCP - 12 - 34
PTCP - 15 - 27
PTCP - 24 - 17
PTCP - 36 - 11
12V@34A
15V@27A
24V@17A
36V@11A
PTCP - 24 - 25
PTCP - 28 - 20
PTCP - 36 -16
PTCP - 48 - 12
15V@40A
24V@25A
28V@20A
Consult
Factory
PTCP - 24 - 41
PTCP - 36 - 27
24V@41A
36V@27A
PTCP - 48 - 8
48V@8A
PTCP - 12 - 50
36V@16A
PTCP - 28 - 14
28V@14A
48V@12A
Output
Output
PTCP - 28 - 35
PTCP - 48 - 20
28V@35A
48V@20A
5V@100A
PTCP-5-100
800 WATTS
PTCP - 15 - 53
12V@66A
PTCP - 24 - 33
PTCP - 28 - 28
PTCP - 36 - 22
PTCP - 48 - 16
15V@53A
24V@33A
28V@28A
PTCP - 12 - 66
36V@22A
48V@16A
N/A
N/A
Model
Output


Similar Part No. - PTCP-12-50

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-50 TAB-PTCP-12-50 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - PTCP-12-50

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com