Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7738BRU Datasheet(PDF) 10 Page - Analog Devices

Part # AD7738BRU
Description  8-Channel, High Throughput,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738BRU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7738BRU Datasheet HTML 6Page - Analog Devices AD7738BRU Datasheet HTML 7Page - Analog Devices AD7738BRU Datasheet HTML 8Page - Analog Devices AD7738BRU Datasheet HTML 9Page - Analog Devices AD7738BRU Datasheet HTML 10Page - Analog Devices AD7738BRU Datasheet HTML 11Page - Analog Devices AD7738BRU Datasheet HTML 12Page - Analog Devices AD7738BRU Datasheet HTML 13Page - Analog Devices AD7738BRU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
–10–
AD7738
CHOPPING DISABLED
The second mode, in which the AD7738 is configured with chopping disabled (CHOP = 0), provides faster conversion time while still
maintaining high resolution. Tables IV to VI show the –3 dB frequencies and typical performance versus channel conversion time or
equivalent output data rate, respectively. Table IV shows the typical output rms noise. Table V shows the typical effective resolution
based on the rms noise. Table VI shows the typical output peak-to-peak resolution, representing values for which there will be no code
flicker within a six-sigma limit. The peak-to-peak resolutions are not calculated based on rms noise, but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples acquired in Continuous Conversion mode with an analog input voltage
set to 0 V and MCLK = 6.144 MHz. The Conversion Time is selected via the Channel Conversion Time register.
Table IV. Typical Output RMS Noise in
V vs. Conversion Time and Input Range with
Chopping Disabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V, +2.5 V
1.25 V, +1.25 V,
625 mV, +625 mV
127
7Fh
1357
737
671
2.7
1.5
92
5Ch
992
1008
917
3.0
1.8
35
23h
398
2511
2285
5.1
3.0
16
10h200
4991
2510
7.5
4.5
99h127
7847
7141
10.2
5.9
88h
117
8545
7776
11.4
6.5
33h65
15398
14013
15.5
10.3
Table V. Typical RMS Resolution in Bits vs. Conversion Time and Input Range with
Chopping Disabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V
+2.5 V
1.25 V
+1.25 V
625 mV
+625 mV
127
7Fh
1357
737
671
20.8
19.8
20.6
19.6
19.6
18.6
92
5Ch
992
1008
917
20.6
19.6
20.4
19.4
19.4
18.4
35
23h
398
2511
2285
19.9
18.9
19.6
18.6
18.6
17.6
16
10h200
4991
2510
19.3
18.3
19.0
18.0
18.0
17.0
99h127
7847
7141
18.9
17.9
18.7
17.7
17.7
16.7
88h
117
8545
7776
18.7
17.7
18.5
17.5
17.5
16.5
33h65
15398
14013
18.0
16.7
17.8
17.1
17.1
16.1
Table VI. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with
Chopping Disabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V
+2.5 V
1.25 V
+1.25 V
625 mV
+625 mV
127
7Fh
1357
737
671
17.9
16.9
17.8
16.8
16.8
15.8
92
5Ch
992
1008
917
17.8
16.8
17.4
16.4
16.4
15.4
35
23h
398
2511
2285
17.0
16.0
16.8
15.8
15.8
14.8
16
10h200
4991
2510
16.3
15.3
16.2
15.2
15.2
14.2
99h127
7847
7141
16.1
15.1
15.9
14.9
14.9
13.9
88h
117
8545
7776
16.0
15.0
15.7
14.7
14.7
13.7
33h65
15398
14013
15.0
14.0
14.8
13.8
13.8
12.8


Similar Part No. - AD7738BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738BRU AD-AD7738BRU Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
More results

Similar Description - AD7738BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
   8-Channel, High Throughput, 24-Bit ADC
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 031405
DS31256 MAXIM-DS31256_V01 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 012506
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com