Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1651DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1651DR2
Description  Single Stage Power Factor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1651DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1651DR2 Datasheet HTML 1Page - ON Semiconductor NCP1651DR2 Datasheet HTML 2Page - ON Semiconductor NCP1651DR2 Datasheet HTML 3Page - ON Semiconductor NCP1651DR2 Datasheet HTML 4Page - ON Semiconductor NCP1651DR2 Datasheet HTML 5Page - ON Semiconductor NCP1651DR2 Datasheet HTML 6Page - ON Semiconductor NCP1651DR2 Datasheet HTML 7Page - ON Semiconductor NCP1651DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP345
http://onsemi.com
4
−40
Ambient Temperature (
°C)
−25
−10
5
20
35
50
65
80
95
50
45
40
35
30
25
20
15
10
1.0
0.9
0.8
0.7
0.6
0.5
−40
−25
−10
5
20
35
50
65
80
95
Temperature (
°C)
7.05
7.00
6.95
6.90
6.85
6.80
6.75
6.70
−40
−25
−10
5
20
35
50
65
80
95
Ambient Temperature (
°C)
50
100 150 200
250
300 350 400
450 500
2
1
0
6
4
2
0
Time (nsec)
T = 25
°C
VLOAD
CNTRL
VLOAD = 50 W
MOSFET = MGSF3441
5
1015
20
25
303540
45
50
2
1
0
6
4
2
0
Time (
msec)
T = 25
°C
VLOAD
CNTRL
VLOAD = 50 W
MOSFET = MGSF3441
Figure 3. Typical Vth Threshold Variation vs.
Temperature
Figure 4. Typical OUT Sink Current vs. Temperature
Vin t Vth, Vout + 1 V
Figure 5. Typical Supply Current vs. Temperature
Icc ) Iin, VCC + 6 V
Figure 6. Typical Turn−off Time CNTRL to VLOAD
Figure 7. Typical Turn−on Time CNTRL to VLOAD


Similar Part No. - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651DR2G ONSEMI-NCP1651DR2G Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
More results

Similar Description - NCP1651DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
List of Unclassifed Man...
UC3892 ETC1-UC3892 Datasheet
258Kb / 4P
   Two Stage Power Factor Converter
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com