Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8153NE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8153NE4
Description  SERIAL-TO-PARALLEL INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8153NE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV8153NE4 Datasheet HTML 5Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 6Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 7Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 8Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 9Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 10Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 11Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 12Page - Texas Instruments SN74LV8153NE4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN74LV8153
SERIALTOPARALLEL INTERFACE
SCLS555 − JUNE 2004
www.ti.com
9
PARAMETER MEASUREMENT INFORMATION
(OPEN-COLLECTOR OUTPUT)
tPHL
tPLH
VCC1
0 V
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤
C. The outputs are measured one at a time, with one input transition per measurement.
D. tPHL and tPLH are the same as tpd.
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
OPEN-COLLECTOR OUTPUTS
50%VCC1
50% VCC1
RL = 500 Ω
Output
VCC1
VOL
≈VCC1
50% VCC1
VOL + 0.3 V
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LV8153NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153NE4 TI-SN74LV8153NE4 Datasheet
385Kb / 16P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
More results

Similar Description - SN74LV8153NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX1661-MAX1663 MAXIM-MAX1661-MAX1663 Datasheet
148Kb / 16P
   Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
Rev 0; 10/97
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
   Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com