Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQFC480U_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AQFC480U_SERIES
Description  U Bracket Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQFC480U_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AQFC480U_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AQFC480U_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AQFC480U_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AQFC480U_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AQFC480U_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : A_1
update : 2010.10.14
AC-DC Switching Power Supply
AQFC480U SERIES (CC Mode)
480 Watts
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
ELECTRICAL SPECIFICATIONS
Model No.
AQFC480U-12S
AQFC480U-24S
AQFC480U-36S
AQFC480U-48S
Max Output Wattage
(Convection)
(W)
280W
280W
300W
300W
Max Output Wattage
(18CFM FAN)
(W)
480W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
< 5.5 A max. (115 VAC) / < 3.0 A max. (230 VAC)
Inrush Current (<2ms)
< 50 A max. (115 VAC) / < 70 A max. (230 VAC)
Leakage Current
< 1.5 mA max.(240VAC 63Hz)
Input
Power Factor
PF>0.95 (115 VAC) / PF>0.90 (230 VAC) at Full Load
Constant Current Range (.VDC)
10 ~ 13.2V
20 ~ 26.4V
26 ~ 36V
30 ~ 50.4V
Current Adj. Range (Convection) (A) max
5 ~ 23.33
4 ~ 11.66
3 ~ 8.33
3 ~ 6.25
Current Adj. Range (18CFM FAN) (A) max
5 ~ 40
4 ~ 20
3 ~ 13.33
3 ~ 10
Minimum Load
0%
Maximum Capacitive Load
180000 uF
75000 uF
50000 uF
25000 uF
Ripple & Noise (max.)
100mVp-p
200mVp-p
200mVp-p
300mVp-p
Vin:115(V.AC)
88%
89%
90%
89%
Efficiency
(Convection) (%)
Vin:230(V.AC)
90%
91%
92%
91%
Vin:115(V.AC)
85%
87%
89%
88%
Efficiency
(18CFM FAN) (%)
Vin:230(V.AC)
88%
90%
92%
91%
Hold-up Time
10 ms min.
Output
Switching Frequency
62.5 kHz ±10%
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Over Temperature
Auto recovery
Protection
Short Circuit Protection
Auto-recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
5V Stand by
5VSB: 5V@0.6A ; Tolerance
±10% , Ripple & Noise: 100m Vp-p (max.)
Remote Control
+RC / -RC: Power ON=open ; Power OFF=short
Function
FAN Control
12VDC / 0.5A max.
KEY FEATURES
U Bracket Switching Power Supply
Universal Input: 90-264 VAC
Active P.F.C. Function, PF>0.95
300W Convection without FAN
480W Convection with 18CFM FAN
Protections: Over Load / Over Voltage /
Over Temperature / Short Circuit
.All by Auto-recovery
Built-in Remote ON/OFF Control
Stand by 5V @ 0.6A
High Efficiency up to 92%
Ultra Compact Size: 7.0 x 4.2 x 1.78 Inches
2-Years Product Warranty
Standard
A Type


Similar Part No. - AQFC480U_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFC480U-12S ARCH-AQFC480U-12S Datasheet
463Kb / 5P
   AC-DC Switching Power Supply
AQFC480U-12S ARCH-AQFC480U-12S Datasheet
382Kb / 5P
   AC-DC Switching Power Supply
AQFC480U-24S ARCH-AQFC480U-24S Datasheet
463Kb / 5P
   AC-DC Switching Power Supply
AQFC480U-24S ARCH-AQFC480U-24S Datasheet
382Kb / 5P
   AC-DC Switching Power Supply
AQFC480U-36S ARCH-AQFC480U-36S Datasheet
463Kb / 5P
   AC-DC Switching Power Supply
More results

Similar Description - AQFC480U_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300U ARCH-ABR300U Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
AES60U_SERIES ARCH-AES60U_SERIES Datasheet
232Kb / 2P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U_16 Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
ABR300UC ARCH-ABR300UC Datasheet
422Kb / 6P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U_18 Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
AQF360U_SERIES ARCH-AQF360U_SERIES Datasheet
388Kb / 6P
   U Bracket Switching Power Suppl
logo
Vitec Power
SIUA100-SERIES Vitec-SIUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com