Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EDI20H12AH Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 1EDI20H12AH
Description  Single channel IGBT gate driver IC in wide body package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI20H12AH Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 1EDI20H12AH Datasheet HTML 4Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 5Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 6Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 7Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 8Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 9Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 10Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 11Page - Infineon Technologies AG 1EDI20H12AH Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
There are two possible input modes to control the IGBT. At non-inverting mode IN+ controls the driver output
while IN- is set to low. At inverting mode IN- controls the driver output while IN+ is set to high. A minimum input
pulse width is defined to filter occasional glitches.
3.5
Driver Outputs
The output driver section uses MOSFETs to provide a rail-to-rail output. This feature permits that tight control
of gate voltage during on-state and short circuit can be maintained as long as the driver’s supply is stable. Due
to the low internal voltage drop, switching behavior of the IGBT is predominantly governed by the gate resistor.
Furthermore, it reduces the power to be dissipated by the driver.
EiceDRIVER1EDI Compact
Single channel IGBT gate driver IC in wide body package
Functional Description
Datasheet
8
Rev. 2.0
2016-07-05


Similar Part No. - 1EDI20H12AH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI20H12AH INFINEON-1EDI20H12AH Datasheet
223Kb / 2P
   1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
1EDI20H12AH INFINEON-1EDI20H12AH Datasheet
525Kb / 17P
   EiceDRIVER??1EDI Compact
Rev. 2.0 2016-07-05
More results

Similar Description - 1EDI20H12AH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDC05I12AH INFINEON-1EDC05I12AH Datasheet
514Kb / 18P
   Single channel IGBT gate driver IC in wide body package
Datasheet 2.0 2017-07-17
1EDI10I12MH INFINEON-1EDI10I12MH Datasheet
509Kb / 18P
   Single channel IGBT gate driver IC with clamp in wide body package
Rev. 2.0 2016-07-05
1EDC10I12MH INFINEON-1EDC10I12MH Datasheet
515Kb / 19P
   Single channel IGBT gate driver IC with clamp in wide body package
Datasheet 2.1 2017-09-04
1EDI60I12AH INFINEON-1EDI60I12AH Datasheet
223Kb / 2P
   1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
logo
Powerex Power Semicondu...
VLA504-01 POWEREX-VLA504-01 Datasheet
532Kb / 6P
   Hybrid IC IGBT Gate Driver
VLA513-01 POWEREX-VLA513-01 Datasheet
408Kb / 3P
   Hybrid IC IGBT Gate Driver
VLA507 POWEREX-VLA507 Datasheet
207Kb / 3P
   Hybrid IC IGBT Gate Driver
VLA503-01 POWEREX-VLA503-01 Datasheet
535Kb / 6P
   Hybrid IC IGBT Gate Driver
VLA507-01 POWEREX-VLA507-01 Datasheet
574Kb / 3P
   Hybrid IC IGBT Gate Driver
VLA503 POWEREX-VLA503 Datasheet
301Kb / 6P
   Hybrid IC IGBT Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com