Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK325AC6227MM-P Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PMK325AC6227MM-P
Description  Standard packaging quantity (minimum) Taping Embossed 1000pcs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PMK325AC6227MM-P Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PMK325AC6227MM-P Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PMK325AC6227MM-P Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Value Multilayer Ceramic Capacitors (High dielectric type)
PMK325AC6227MM-P
Features
Item Summary
220uF±20%, 2.5V,
X6S, 1210/3225 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 1000pcs
Products characteristics table
Capacitance
220 uF ± 20 %
Case Size (EIA/JIS)
1210/3225
Rated Voltage
2.5 V
tanδ (max)
10 %
Temperature Characteristic (EIA)
X6S
Operating Temp. Range (EIA)
-55 to +105 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
2.5 ±0.30 mm
Dimension T
2.5 ±0.30 mm
Dimension e
0.60 ±0.30 mm
2016.11.29
1 / 1


Similar Part No. - PMK325AC6227MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PMK325AC6227MM-T TAIYO-YUDEN-PMK325AC6227MM-T Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - PMK325AC6227MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK325BJ476MM-P TAIYO-YUDEN-EMK325BJ476MM-P Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325ABJ107MM-P TAIYO-YUDEN-JMK325ABJ107MM-P Datasheet
333Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
EMK325ABJ107MM-P TAIYO-YUDEN-EMK325ABJ107MM-P Datasheet
290Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
HMK316AC7225ML-TE TAIYO-YUDEN-HMK316AC7225ML-TE Datasheet
329Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 2000pcs
HMK212BC7105KG-TE TAIYO-YUDEN-HMK212BC7105KG-TE Datasheet
330Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
HMK212C7474MG-TE TAIYO-YUDEN-HMK212C7474MG-TE Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
PMK432C6477MM-T TAIYO-YUDEN-PMK432C6477MM-T Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 500pcs
HMK212BBJ105KG-TE TAIYO-YUDEN-HMK212BBJ105KG-TE Datasheet
330Kb / 2P
   Standard packaging quantity Taping Embossed 3000pcs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com