Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EDI30I12MH Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 1EDI30I12MH
Description  Single channel IGBT gate driver IC with clamp in wide body package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI30I12MH Datasheet(HTML) 4 Page - Infineon Technologies AG

  1EDI30I12MH Datasheet HTML 1Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 2Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 3Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 4Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 5Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 6Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 7Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 8Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2
Pin Configuration and Functionality
2.1
Pin Configuration
Table 1
Pin Configuration
Pin No.
Name
Function
1
VCC1
Positive logic supply
2
IN+
Non-inverted driver input (active high)
3
IN-
Inverted driver input (active low)
4
GND1
Logic ground
5
GND2
Power ground
6
VCC2
Positive power supply voltage
7
OUT
Driver output
8
CLAMP
Active Miller clamp
1
2
3
4
8
7
6
5
VCC1
IN+
IN-
GND1
CLAMP
OUT
VCC2
GND2
Figure 2
PG-DSO-8-59 (top view)
2.2
Pin Functionality
VCC1
Logic input supply voltage of 3.3 V up to 15 V wide operating range.
IN+ Non Inverting Driver Input
IN+ non-inverted control signal for driver output if IN- is set to low. (Output sourcing active at IN+ = high and IN-
= low)
Due to internal filtering a minimum pulse width is defined to ensure robustness against noise at IN+. An internal
weak pull-down-resistor favors off-state.
IN- Inverting Driver Input
IN- inverted control signal for driver output if IN+ is set to high. (Output sourcing active at IN- = low and IN
+ = high)
EiceDRIVER1EDI Compact
Single channel IGBT gate driver IC with clamp in wide body package
Pin Configuration and Functionality
Datasheet
4
Rev. 2.0
2016-07-05


Similar Part No. - 1EDI30I12MH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI30I12MH INFINEON-1EDI30I12MH Datasheet
223Kb / 2P
   1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
1EDI30I12MH INFINEON-1EDI30I12MH Datasheet
513Kb / 18P
   EiceDRIVER??1EDI Compact
v2.1 2017-09-04
More results

Similar Description - 1EDI30I12MH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDC10I12MH INFINEON-1EDC10I12MH Datasheet
515Kb / 19P
   Single channel IGBT gate driver IC with clamp in wide body package
Datasheet 2.1 2017-09-04
1EDC05I12AH INFINEON-1EDC05I12AH Datasheet
514Kb / 18P
   Single channel IGBT gate driver IC in wide body package
Datasheet 2.0 2017-07-17
1EDI05I12AH INFINEON-1EDI05I12AH Datasheet
523Kb / 17P
   Single channel IGBT gate driver IC in wide body package
Rev. 2.0 2016-07-05
1EDI60I12AH INFINEON-1EDI60I12AH Datasheet
223Kb / 2P
   1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
1ED44175N01B INFINEON-1ED44175N01B Datasheet
1Mb / 19P
   Single-channel low-side IGBT gate driver IC with over-current protection
V 1.1 2020-04-15
logo
Powerex Power Semicondu...
VLA504-01 POWEREX-VLA504-01 Datasheet
532Kb / 6P
   Hybrid IC IGBT Gate Driver
VLA513-01 POWEREX-VLA513-01 Datasheet
408Kb / 3P
   Hybrid IC IGBT Gate Driver
VLA507 POWEREX-VLA507 Datasheet
207Kb / 3P
   Hybrid IC IGBT Gate Driver
VLA503-01 POWEREX-VLA503-01 Datasheet
535Kb / 6P
   Hybrid IC IGBT Gate Driver
VLA507-01 POWEREX-VLA507-01 Datasheet
574Kb / 3P
   Hybrid IC IGBT Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com