Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EDI30I12MH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 1EDI30I12MH
Description  1200 V galvanically isolated single-channel wide body gate driver IC family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI30I12MH Datasheet(HTML) 2 Page - Infineon Technologies AG

  1EDI30I12MH Datasheet HTML 1Page - Infineon Technologies AG 1EDI30I12MH Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
1EDI EiceDRIVER™ Compact 300 mil
1200 V galvanically isolated single-channel wide body driver IC family
Product features
Sales Code
1EDI60I12AH
1EDI40I12AH
1EDI20I12AH
1EDI05I12AH 1EDI60H12AH 1EDI20H12AH 1EDI30I12MH 1EDI20I12MH 1EDI10I12MH
Package
DSO-8 300 mil
DSO-8 300 mil
DSO-8 300 mil
Applications
General purpose inverters, industrial drives, welding, UPS
SMPS, PFC, telecom, server,
photovoltaic, buck/boost
General purpose inverters, industrial drives,
welding, UPS
Voltage class
1200V
1200V
1200V
Output current
6A/-6A
4A/-4A
2 A/-2A
1A/-1A
6A/-6A
2A/-2A
3A/-3A
2A/-2A
1A/-1A
Separate sink/source
outputs
ü
ü
ü
ü
ü
ü
Active Miller clamp
ü
ü
ü
Propagation delay
300ns
300ns
300ns
300ns
120ns
120ns
300ns
300ns
300ns
Maximum switching
frequency
1MHz*
1MHz*
1MHz*
1MHz*
4MHz*
4MHz*
1MHz*
1MHz*
1MHz*
Recommendation
All 650V and 1200V IGBT modules
All 650V and 1200V IGBT
modules
All 650V and 1200V IGBT modules
Circuit diagram using a driver with separate source/sink output
Circuit design using a driver with active Miller clamp
Highlights:
DSO-8 300 mil wide body package with 8mm creepage distance
100 kV/µs CMTI
Optimized pin out for low inductance power supply
No need to adapt signal voltage levels between µController and driver
* do not exceed maximum power dissipation requirements
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2016 Infineon Technologies AG.
All Rights Reserved.
Order Number: B114-I0277-V1-7600-EU-EC-P
Date: 05/2016
Please note!
THIS DOCUMENT IS FOR INFORMATION PURPOSES ONLY AND
ANY INFORMATION GIVEN HEREIN SHALL IN NO EVENT BE
REGARDED AS A WARRANTY, GUARANTEE OR DESCRIPTION OF
ANY FUNCTIONALITY, CONDITIONS AND/OR QUALITY OF OUR
PRODUCTS OR ANY SUITABILITY FOR A PARTICULAR PURPOSE.
WITH REGARD TO THE TECHNICAL SPECIFICATIONS OF OUR
PRODUCTS, WE KINDLY ASK YOU TO REFER TO THE RELEVANT
PRODUCT DATA SHEETS PROVIDED BY US. OUR CUSTOMERS AND
THEIR TECHNICAL DEPARTMENTS ARE REQUIRED TO EVALUATE
THE SUITABILITY OF OUR PRODUCTS FOR THE INTENDED
APPLICATION.
WE RESERVE THE RIGHT TO CHANGE THIS DOCUMENT AND/OR
THE INFORMATION GIVEN HEREIN AT ANY TIME.
Additional information
For further information on technologies, our products, the
application of our products, delivery terms and conditions
and/or prices, please contact your nearest Infineon Technologies
office (www.infineon.com).
Warnings
Due to technical requirements, our products may contain
dangerous substances. For information on the types in question,
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by us in a written
document signed by authorized representatives of Infineon
Technologies, our products may not be used in any life-
endangering applications, including but not limited to medical,
nuclear, military, life-critical or any other applications where a
failure of the product or any consequences of the use thereof
can result in personal injury.


Similar Part No. - 1EDI30I12MH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI30I12MH INFINEON-1EDI30I12MH Datasheet
509Kb / 18P
   Single channel IGBT gate driver IC with clamp in wide body package
Rev. 2.0 2016-07-05
1EDI30I12MH INFINEON-1EDI30I12MH Datasheet
513Kb / 18P
   EiceDRIVER??1EDI Compact
v2.1 2017-09-04
More results

Similar Description - 1EDI30I12MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
   gapDRIVE?? galvanically isolated single gate driver
May 2015 Rev 3
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
   Automotive galvanically isolated advanced single gate driver
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
   Galvanically isolated 4 A single gate driver
September 2022 - Rev 5
logo
Infineon Technologies A...
1EDC05I12AH INFINEON-1EDC05I12AH Datasheet
514Kb / 18P
   Single channel IGBT gate driver IC in wide body package
Datasheet 2.0 2017-07-17
1EDI05I12AH INFINEON-1EDI05I12AH Datasheet
523Kb / 17P
   Single channel IGBT gate driver IC in wide body package
Rev. 2.0 2016-07-05
1EDI10I12MH INFINEON-1EDI10I12MH Datasheet
509Kb / 18P
   Single channel IGBT gate driver IC with clamp in wide body package
Rev. 2.0 2016-07-05
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
Infineon Technologies A...
1EDC10I12MH INFINEON-1EDC10I12MH Datasheet
515Kb / 19P
   Single channel IGBT gate driver IC with clamp in wide body package
Datasheet 2.1 2017-09-04
logo
STMicroelectronics
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
   EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
November 2016 Rev 1
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
   Galvanically isolated 4 A single gate driver for SiC MOSFETs
September 2022 Rev 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com