Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPS310 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 2Page - Infineon Technologies AG DPS310 Datasheet HTML 3Page - Infineon Technologies AG DPS310 Datasheet HTML 4Page - Infineon Technologies AG DPS310 Datasheet HTML 5Page - Infineon Technologies AG DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
2.2
Block Diagram
Figure 2
3
Specifications
3.1
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the device. All
parameters specified in the following sections refer to these operating conditions, unless noted otherwise.
Table 3
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Pressure
Pa
300
1200
hPa
Temperature
Ta
-40
85
°C
Supply voltage
VDD
1.7
3.6
V
Supply voltage IO
VDDIO
1.2
3.6
V
Supply voltage ramp-up time
tvddup
0.001
5
ms
Time for supply voltage
to reach 90% of final
value.
Solder drift1)
0.8
hPa
Minimum solder height
50um.
Long term stability
±1
hPa
Depending on
environmental
conditions.
1 Effects of solder drift can be eliminated by one point calibration. See AN487.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Specifications
6
V1.0
2016-09-05


Similar Part No. - DPS310

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
DPS3 CONNOR-WINFIELD-DPS3 Datasheet
51Kb / 1P
   14 PIN DIP SINEWAVE
logo
PETERMANN-TECHNIK
DPS3 PETERMANN-DPS3 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
   Digital XENSIVTM barometric pressure sensor
2019-07-03
DPS368XTSA1 INFINEON-DPS368XTSA1 Datasheet
5Mb / 44P
   Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
DAICO Industries, Inc.
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
   3 Section Phase Shifter
More results

Similar Description - DPS310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DPS422 INFINEON-DPS422 Datasheet
890Kb / 46P
   Digital barometric pressure & temp sensor for portable and IOT devices
V1.3 2018-08-02
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
   Digital Barometric Pressure Sensor
Copyright 2017
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
   Digital, barometric pressure sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
   Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Silicon Microstructures...
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
   Digital Barometric Air Pressure (BAP) Sensor
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
   Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
   Barometric Pressure Sensor Module
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
   Low Voltage Barometric Pressure Sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
   Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
   Analog Barometric Air Pressure (BAP) Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com