Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT6018 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WT6018
Description  Digital Monitor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6018 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WT6018 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT6018 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
WT6018
Digital Monitor Controller
Ver. 1.41 Jul-31-1998
Weltrend Semiconductor, Inc.
7
Port_C :
Pin PC0 - general purpose I/O pin shared with 4-bit A/D converter 0 input.
Pin PC1 - general purpose I/O pin shared with 4-bit A/D converter 1 input
Pin PC2 to PC7 - general purpose I/O pins.
The REG#14H defines the I/O direction and the REG#15H controls the output level.
The structure of Port_C is same as the Port_B except the sink current is 10mA. When PC0 and
PC1 are programmed as the A/D converter inputs, the pull high transistor is disconnected.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0014H
W
00H
PC7OE PC6OE PC5OE PC4OE PC3OE PC2OE PC1OE PC0OE
0015H
W
FFH
PC7W
PC6W
PC5W
PC4W
PC3W
PC2W
PC1W
PC0W
0015H
R
--
PC7R
PC6R
PC5R
PC4R
PC3R
PC2R
PC1R
PC0R
Bit Name
Bit value = “1”
Bit value = “0”
PC7OE - PC0OE
Output enable.
Output disable (internal pull-up).
PC7W - PC0W
Outputs high level (IOH= -5mA).
Outputs low level (IOL= 10mA).
PC7R - PC0R
Pin is high level.
Pin is low level.
Port_D :
Pin SCL/PD0
- general purpose I/O pin shared with DDC interface serial clock.
Pin SDA/PD1
- general purpose I/O pin shared with DDC interface serial data.
The structure of these two pins are same as the PB4 and PB5. Default is DDC interface and can be
changed to I/O port D by setting ENPD bit.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
000FH
W
00H
--
--
--
ENPD
PD1OE PD0OE PD1W
PD0W
000FH
R
--
--
--
--
--
--
--
PD1R
PD0R
Bit Name
Bit value = “1”
Bit value = “0”
ENPD
Enable I/O Port_D.
DDC interface.(open drain)
PD1OE - PD0OE
Output enable.
Output disable (internal pull-up).
PD1W - PD0W
Outputs high level (IOH= -5mA).
Outputs low level (IOL= 5mA).
PD1R- PD0R
Pin is high level.
Pin is low level.
* If program wants to read current status on the I/O pins (any I/O port), do not set output enable bit to
“0”. Because the registers for reading I/O are always indicating the current state on the I/O pins, set
output enable bit to “0” will change the level on the I/O pin. Please reference the I/O pin structure.


Similar Part No. - WT6018

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
   Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
More results

Similar Description - WT6018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
   Digital Monitor Controller
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
   Digital Monitor Controller
logo
List of Unclassifed Man...
WT6148 ETC1-WT6148 Datasheet
44Kb / 5P
   Digital Monitor Controller (ROM Type)
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
   Digital Monitor Controller with USB Function
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
   DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
   Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
List of Unclassifed Man...
AL300 ETC-AL300 Datasheet
679Kb / 64P
   LCD Monitor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com