Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78E58BP Datasheet(PDF) 9 Page - Winbond

Part # W78E58BP
Description  8 BIT MICROCONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E58BP Datasheet(HTML) 9 Page - Winbond

Back Button W78E58BP Datasheet HTML 5Page - Winbond W78E58BP Datasheet HTML 6Page - Winbond W78E58BP Datasheet HTML 7Page - Winbond W78E58BP Datasheet HTML 8Page - Winbond W78E58BP Datasheet HTML 9Page - Winbond W78E58BP Datasheet HTML 10Page - Winbond W78E58BP Datasheet HTML 11Page - Winbond W78E58BP Datasheet HTML 12Page - Winbond W78E58BP Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
W78E58B
Publication Release Date: March 18, 2002
- 9 -
Revision A3
P4CONB (C3H), continued
BIT
NAME
FUNCTION
5, 4
P43CMP1
P43CMP0
Chip-select signals address comparison:
00: Compare the full address (16 bits length) with the base address register
P43AH, P43AL.
01: Compare the 15 high bits (A15
− A1) of address bus with the base address
register P43AH, P43AL.
10: Compare the 14 high bits (A15
− A2) of address bus with the base address
register P43AH, P43AL.
11: Compare the 8 high bits (A15
− A8) of address bus with the base address
register P43AH, P43AL.
3, 2
P42FUN1
P42FUN0
The P4.2 function control bits which are the similar definition as P43FUN1,
P43FUN0.
1, 0
P42CMP1
P42CMP0
The P4.2 address comparator length control bits which are the similar definition
as P43CMP1, P43CMP0.
P4CONA (C2H)
BIT
NAME
FUNCTION
7, 6
P41FUN1
P41FUN0
The P4.1 function control bits which are the similar definition as P43FUN1,
P43FUN0.
5, 4
P41CMP1
P41CMP0
The P4.1 address comparator length control bits which are the similar definition
as P43CMP1, P43CMP0.
3, 2
P40FUN1
P40FUN0
The P4.0 function control bits which are the similar definition as P43FUN1,
P43FUN0.
1, 0
P40CMP1
P40CMP0
The P4.0 address comparator length control bits which are the similar definition
as P43CMP1, P43CMP0.
P2ECON (AEH)
BIT
NAME
FUNCTION
7
P43CSINV
The active polarity of P4.3 when pin P4.3 is defined as read and/or write strobe
signal.
1: P4.3 is active high when pin P4.3 is defined as read and/or write strobe signal.
0: P4.3 is active low when pin P4.3 is defined as read and/or write strobe signal.
6
P42CSINV
The similarity definition as P43SINV.
5
P41CSINV
The similarity definition as P43SINV.
4
P40CSINV
The similarity definition as P43SINV.
3
-
Reserve
2
-
Reserve
1
-
0
0
-
0


Similar Part No. - W78E58BP

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E58B WINBOND-W78E58B Datasheet
400Kb / 36P
   8-BIT MICROCONTROLLER
W78E58B WINBOND-W78E58B_06 Datasheet
400Kb / 36P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E58BP

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com