Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27221 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC27221
Description  HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27221 Datasheet(HTML) 4 Page - Texas Instruments

  UCC27221 Datasheet HTML 1Page - Texas Instruments UCC27221 Datasheet HTML 2Page - Texas Instruments UCC27221 Datasheet HTML 3Page - Texas Instruments UCC27221 Datasheet HTML 4Page - Texas Instruments UCC27221 Datasheet HTML 5Page - Texas Instruments UCC27221 Datasheet HTML 6Page - Texas Instruments UCC27221 Datasheet HTML 7Page - Texas Instruments UCC27221 Datasheet HTML 8Page - Texas Instruments UCC27221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
UCC27221
UCC27222
SLUS486B − AUGUST 2001 − REVISED JULY 2003
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12-V, 1-µF capacitor from VDD to GND, 1-µF capacitor from VHI to SW, 0.1-µF and 2.2-µF capacitor from PVLO to PGND, PVLO tied to
VLO, TA = −40_C to 105_C for the UCC2722x, TA = TJ (unless otherwise noted)
G1 main output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sink resistance
SW = 0 V,
VHI = 6 V,
IN = 0 V,
G1 = 0.5 V
0.3
0.9
1.5
Source resistance(2)
SW = 0 V,
VHI = 6 V,
IN = 6.5 V,
G1 = 5.5 V
10
25
45
Source current(1)(2)
SW = 0 V,
VHI = 6 V,
IN = 6.5 V,
G1 = 3.0 V
−3
−3.3
A
Sink current(1)(2)
SW = 0 V,
VHI = 6 V,
IN = 0 V,
G1 = 3.0 V
3
3.3
A
Rise time
C = 2.2 nF from G1 to SW,
VDD = 20 V
17
25
ns
Fall time
C = 2.2 nF from G1 to SW,
VDD = 20 V
17
25
ns
G2 SR output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sink resistance(2)
PVLO = 6.5 V,
IN = 6.5 V,
G1 = 0.25 V
5
15
30
Source resistance(2)
PVLO = 6.5 V,
IN = 0 V,
G2 = 6.0 V
10
20
35
Source current(1)(2)
PVLO = 6.5 V,
IN = 0 V
G2 = 3.25 V
−3
−3.3
A
Sink current(1)(2)
PVLO = 6.5 V,
IN = 6.5 V
G2 = 3.25 V
3
3.3
A
Rise time(2)
C = 2.2 nF from G2 to PGND VDD = 20 V
17
25
ns
Fall time
C = 2.2 nF from G2 to PGND VDD = 20 V
20
35
ns
deadtime delay
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tOFF, G2, IN to G2 falling
60
80
100
tOFF, G1, IN to G1 falling
55
80
110
Delay Step Resolution
3.5
4.1
4.7
tON, G1 minimum
−15
ns
tON, G1 maximum
48
ns
tON, G2 minimum
−21
tON, G2 maximum
38
NOTE 1: Ensured by design. Not production tested.
2: The pullup / pulldown circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the RDS(ON) of the MOSFET transistor when the
voltage on the driver output is less than the saturation voltage of the bipolar transistor.
UDG−01042
UCC27222
tOFF,G1
tOFF,G2
tON,G1
tON,G2
IN
G1
G2
3.25 V
10%
90%
90%
10%
Figure 1. Predictive Gate Drive Timing Diagram


Similar Part No. - UCC27221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221PWP TI1-UCC27221PWP Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
More results

Similar Description - UCC27221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
UCC27223 TI-UCC27223 Datasheet
538Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
TPS92201 TI-TPS92201 Datasheet
2Mb / 28P
[Old version datasheet]   TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
logo
Bel Fuse Inc.
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com