Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5980DU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5980DU
Description  Dual N-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5980DU Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5980DU Datasheet HTML 1Page - Vishay Siliconix SI5980DU Datasheet HTML 2Page - Vishay Siliconix SI5980DU Datasheet HTML 3Page - Vishay Siliconix SI5980DU Datasheet HTML 4Page - Vishay Siliconix SI5980DU Datasheet HTML 5Page - Vishay Siliconix SI5980DU Datasheet HTML 6Page - Vishay Siliconix SI5980DU Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si5980DU
Document Number: 65576
S10-0033-Rev. A, 11-Jan-10
www.vishay.com
1
Dual N-Channel 100-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
100
0.567 at VGS = 10 V
2.5
2.2 nC
Ordering Information: Si5980DU-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
CE
XXX
Lot Traceability
and Date Code
Part # Code
Bottom View
PowerPAK® ChipFET Dual
8
7
6
5
1
2
3
4
D1
D1
D2
D2
S1
G1
S2
G2
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
2.5
A
TC = 70 °C
2.0
TA = 25 °C
1.3b, c
TA = 70 °C
1.0b, c
Pulsed Drain Current
IDM
3
Continuous Source-Drain Diode Current
TC = 25 °C
IS
6a
TA = 25 °C
1.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2
Avalanche Energy
EAS
0.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
7.8
W
TC = 70 °C
5.0
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
49
61
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
13
16
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
ChipFET® Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.8 mm Profile
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Supply
Power Supply


Similar Part No. - SI5980DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
SI5980DU VISHAY-SI5980DU_V01 Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
More results

Similar Description - SI5980DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI7922DN VISHAY-SI7922DN_07 Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com