Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF900R12IE4P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FF900R12IE4P
Description  PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF900R12IE4P Datasheet(HTML) 2 Page - Infineon Technologies AG

  FF900R12IE4P Datasheet HTML 1Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 2Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 3Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 4Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 5Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 6Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 7Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 8Page - Infineon Technologies AG FF900R12IE4P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TechnischeInformation/TechnicalInformation
FF900R12IE4P
IGBT-Modul
IGBT-Module
preparedby:SM
approvedby:RN
dateofpublication:2016-03-31
revision:V2.0
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TH = 60°C, Tvj max = 175°C
IC nom

900
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

1800
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 900 A, VGE = 15 V
IC = 900 A, VGE = 15 V
IC = 900 A, VGE = 15 V
VCE sat
1,75
2,05
2,10
2,10
2,45
2,50
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 33,0 mA, VCE = VGE, Tvj = 25°C
VGEth
5,20
5,80
6,40
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG
6,40
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
1,2
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
54,0
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
3,00
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES
5,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 900 A, VCE = 600 V
VGE = ±15 V
RGon = 1,5
td on
0,20
0,22
0,22
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 900 A, VCE = 600 V
VGE = ±15 V
RGon = 1,5
tr
0,11
0,12
0,13
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 900 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,5
td off
0,66
0,75
0,79
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 900 A, VCE = 600 V
VGE = ±15 V
RGoff = 1,5
tf
0,09
0,14
0,15
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 900 A, VCE = 600 V, LS = 45 nH
VGE = ±15 V, di/dt = 5700 A/µs (Tvj = 150°C)
RGon = 1,3
Eon
55,0
70,0
80,0
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 900 A, VCE = 600 V, LS = 45 nH
VGE = ±15 V, du/dt = 3200 V/µs (Tvj = 150°C)
RGoff = 1,5
Eoff
85,0
120
130
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 900 V
VCEmax = VCES -LsCE ·di/dt
ISC
3600
A
Tvj = 150°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proIGBT/perIGBT
validwithIFXpre-appliedthermalinterfacematerial
RthJH
48,1 K/kW
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C


Similar Part No. - FF900R12IE4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK2 Modul mit Trench
2013-11-05 revision:2.4
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 30P
   E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
FF900R12IE4VP INFINEON-FF900R12IE4VP Datasheet
640Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-08-23 revision:V3.0
More results

Similar Description - FF900R12IE4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF650R17IE4DP_B2 INFINEON-FF650R17IE4DP_B2 Datasheet
621Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF1000R17IE4DP_B2 INFINEON-FF1000R17IE4DP_B2 Datasheet
627Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IP4P INFINEON-FF900R12IP4P Datasheet
641Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V2.0
FF900R12IE4VP INFINEON-FF900R12IE4VP Datasheet
640Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-08-23 revision:V3.0
FF1400R17IP4P INFINEON-FF1400R17IP4P Datasheet
631Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-07 revision:V2.0
FF650R17IE4P INFINEON-FF650R17IE4P Datasheet
617Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-17 revision:V2.0
FF1000R17IE4P INFINEON-FF1000R17IE4P Datasheet
620Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-08 revision:V3.1
FF1400R12IP4P INFINEON-FF1400R12IP4P Datasheet
643Kb / 10P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V3.1
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
FF600R12IE4V INFINEON-FF600R12IE4V Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com