Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LITTLE-EX-5 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LITTLE-EX-5
Description  High Density Polyethylene
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LITTLE-EX-5 Datasheet(HTML) 1 Page - Cynergy3 Co

  LITTLE-EX-5 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This series is for use in hazardous areas. This is suitable for use in water,
industrial wastewater and sewage, that can have wide variations of temperature.
The rounded body design and floating attitude prevents accumulation of solids on
the body. The switch has additional internal ballast, to bring the centre of gravity
and rotation close to the cable entry point.
The switching element is a self cleaning type, that makes the complete switch
insensitive to humidity and condensation, allowing this type to operate in widely
fluctuating temperatures.
Supplied, as standard, with
5
metres
cable
either
,10 or 20
of
(counter weight
available as an optional accessory).
Certified for use in hazardous areas as below.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
MECHANICAL
On - Off
Differential
15°
15°
Off - On
Minimum Cable Pivot
length 120mm
Technical Specifications
L
L
ITTLE-EX-5
LITTLE-EX-10
ITTLE-EX-20
Contact Form
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°F
+ 32 / +131
Cable (standard length )
s
5 metre
10 metre
20 metre
C
lour
Blue - Polyurethane
able co
Max. working pressure
10 bar
Electrical Specifications
Switching Voltage
Max
9.6V
Switching Current Max. Resistive
21.4mA
It is necessary to use an Exia barrier with these switches
47
75
129
L
Series
ITTLE-EX
www.cynergy3.com
ISO 9001 C E R T I F IED
© 2015 Cynergy3 omponents, All Rights Reserved.
C
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
II 1 G Ex ia IIC T6
ATEX
LITTLE-EX 2015
Counter weights are available as optional accessories, part number CW1
For smaller tanks and
restricted space
Use in sewer and
industrial waste water
Shape avoids “ragging” in
sewer systems
Unaffected by suspended
solids
Operates in turbulent
fluids.


Similar Part No. - LITTLE-EX-5

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
More results

Similar Description - LITTLE-EX-5

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
LM10AW CYNERGY3-LM10AW Datasheet
67Kb / 2P
   High Density Polyethylene
logo
List of Unclassifed Man...
FT6236 ETC1-FT6236 Datasheet
93Kb / 2P
   Low Density Polyethylene
9438 ETC2-9438 Datasheet
92Kb / 2P
   Tinned copper conductor. Black high-density polyethylene insulation
logo
Belden Inc.
123108A BELDEN-123108A Datasheet
92Kb / 1P
   THREE 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
   FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
   ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
123109A BELDEN-123109A Datasheet
84Kb / 2P
   FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
   THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
logo
List of Unclassifed Man...
5401G ETC-5401G Datasheet
34Kb / 2P
   Enhanced Polyethylene Resin
May 2001
logo
General Cable Technolog...
C1326 GENERAL-C1326 Datasheet
58Kb / 1P
   Rubber/PVC/Polyethylene
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com