Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBR71215S Datasheet(PDF) 2 Page - Cynergy3 Co

Part # DBR71215S
Description  High Voltage relays 10kV & 15kV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DBR71215S Datasheet(HTML) 2 Page - Cynergy3 Co

  DBR71215S Datasheet HTML 1Page - Cynergy3 Co DBR71215S Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL
1
2
3
4
1
2
4
3
4
3
1
2
3
4
1
3
4
2
1
4
3
2
+
-
2 Mounting Studs
Complete with
M4
Nuts, Nylon 66
FORM A (NO)
FORM B (NC)
NOTE: COIL POLARITY IS IMPORTANT
FOR FORM B VARIANT ONLY.
NOTE: PINS WHICH ARE NOT NUMBERED
HAVE NO ELECTRICAL CONNECTION.
1
2
NOTE: PINS WHICH ARE NOT NUMBERED
HAVE NO ELECTRICAL CONNECTION.
STANDARD
(e.g. DAT71210)
(e.g. DAT71210T)
TURRET (Wire Wrap)
(e.g. DAT71210P)
PANEL MOUNT
(e.g. DAT71210S)
FLYING LEAD
60.0
(0.62")
18.5
(0.15")
25.4
5.1
10.2
(0.2")
(0.4")
(1.0")
(2.0")
50.8
(2.0")
(0.25")
6.3
(0.39")
10.0
25.4
(1.0")
9.5
(0.37")
(2.0")
50.8
13.0
~300
4.0
(0.73")
(2.36")
15.8
50.8
CIRCUIT DIAGRAMS
(ALL VARIANTS)
(2.0")
50.8
6.3
(0.25")
(e.g. DAT71210F)
SPADE TYPE
3
4
2 Mounting Studs
M4 complete with nuts, Nylon 66.
Requires 2x holes minimum 4.0mm.
1
2
'S' Suffix denotes the 0.250" 'Push On'
blade connectors,
fixing bolts and Epoxy potting.
M4
2 Pins 63
Square
0. 5(0.025”)
4
0.
(0.025”)
Pins 635
Square
4
0.
(0.025”)
Pins 635
Square
4
0.
(0.025”)
Pins 635
Square
15.8
10.16
60.0
50.80
4.0
18.5
25.40
5.08
+
-1
48.00
11.60
11.0
9.00-
+1
30.0 max
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Cable: UL3239, 22AWG,
20kV, Nom. 3.2mm OD (White)
Please refer to this document for circuit design notes:-
http://www.cynergy3.com/blog/application-notes-reed-relays-0


Similar Part No. - DBR71215S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBR71215S ETC2-DBR71215S Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
More results

Similar Description - DBR71215S

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
DB Lectro Inc
130D DBLECTRO-130D Datasheet
541Kb / 2P
   High breakdown voltage 10KV/15KV
133D DBLECTRO-133D Datasheet
541Kb / 2P
   High breakdown voltage 10KV/15KV
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
   UL Approved, Normally Open, High Voltage Relays - 10kV
DBUL CYNERGY3-DBUL Datasheet
277Kb / 2P
   UL Approved Normally Closed, High Voltage Relays - 10kV
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
   5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
   600mA 10kV HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
   10mA 10kV 100nS-- High Voltage Diodes
logo
Extech Instruments Corp...
380385 EXTECH-380385 Datasheet
214Kb / 8P
   10KV Digital High Voltage Insulation Tester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com