Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPSUAT Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPSUAT
Description  Intrinsically Safe Pressure Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSUAT Datasheet(HTML) 1 Page - Cynergy3 Co

  IPSUAT Datasheet HTML 1Page - Cynergy3 Co IPSUAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IPSUAT Series
In
Pressure Transducer
trinsically Safe
The
series is ideally suited
in hazardous
IPSUAT
for use in a wide range of industrial applications
areas The probe uses a piezo-resistive
sens ,
within
.
ceramic
or giving excellent media compatibility
a stainless steel housing
The electronics incorporate a microprocessor based amplifier, requiring no adjusting and giving
stable electronics, especially industrial applications.
Each device is temperature compensated, calibrated and supplied with a traceable serial number
and calibration certificate.
Accuracy < 0.
%
± 25 FS BFSL
Pressure ranges from vacuum
5800psi
to
Piezo-resistive thick film ceramic sensor
Stainless steel body
Performance
Accuracy (Non-Linearity
<±0. % /
(
)
& Hysteresis)
25
FS BFSL
Setting Errors (offsets)
Zero & Full Scale, <±0.5% / FS
Electrical Protection
Supply reverse polarity
No damage but also no function
Electromagnetic compatibility
Compliant
CE
Mechanical Stability
Shock
100g / 11s
Vibration
10g
(20 - 2000Hz)
RMS
Environment & Thermal Effects
Operating
20
Temperature
-20ºC to +1 ºC
Storage temperature
- 0ºC to +1 ºC
410
Compensated temperature range
+20ºC to + ºC
80
Thermal Zero Shift (
)
<±0.04% / /ºC
TZS
FS
Thermal Span Shift
<±0.015% /ºC
Permissible environment zone 0
-
6
20ºC to + 0ºC
with patm 0.8 to 1.1 bar
Material Specifications
Housing
Stainless Steel
316
“O” ring seals
Viton
Diaphragm
Ceramic Al O 96%
23
Media wetted parts
Housing & connection, “O” ring seal,
diaphragm
Weight
Approx 100g
Installation position
Any
Operational Life
> 100x 10 cycles
6
Insulation resistance
> 50
hms at 50Vdc
MO
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
IPSUAT 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Output Signal and Supply Voltage
Wire system
Output
Supply Voltage
Connection
s
Pin No
2-wire
4-20mA
10-28Vdc
+ve Supply
-ve Supply
Ground
Pin 1
Pin 2
Earth Pin
Pressure Ranges
Nominal Pressure, Gauge,
1
0
50
1 00
0
00
psi
15
30
75
50
30
7
5
375
60
Compound range
psi
-15 to 0 -15 to 30 -15 to 75 -15 to 1235 -15 to 285 -15 to 360
Permissible Overpressure
1 0
0
0
1 00
00
00
0
psi
30
60
5
30
60
5
30
60
975
Burst Pressure
5
50
1 0
50
500
0
psi
60
7
180
375
7
80
37
7
975
Approvals:-
ATEX IECE
/x
EII Ex ia
T4 Ga Ta (see schedule)
IIC


Similar Part No. - IPSUAT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSU CYNERGY3-IPSU Datasheet
73Kb / 2P
   Industrial Pressure Transducer - Ceramic
IPSU-C0446-5M12 CYNERGY3-IPSU-C0446-5M12 Datasheet
86Kb / 2P
   Industrial Pressure Sensor - Ceramic - with M12 4-Pin Connector
IPSU-C0446-6M12 CYNERGY3-IPSU-C0446-6M12 Datasheet
86Kb / 2P
   Industrial Pressure Sensor - Ceramic - with M12 4-Pin Connector
IPSU-C0447-5M12 CYNERGY3-IPSU-C0447-5M12 Datasheet
86Kb / 2P
   Industrial Pressure Sensor - Ceramic - with M12 4-Pin Connector
IPSU-C0447-6M12 CYNERGY3-IPSU-C0447-6M12 Datasheet
86Kb / 2P
   Industrial Pressure Sensor - Ceramic - with M12 4-Pin Connector
More results

Similar Description - IPSUAT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
   Intrinsically Safe Pressure Transducer
IPSLAT CYNERGY3-IPSLAT Datasheet
689Kb / 2P
   Low Range, Intrinsically Safe Pressure Sensor
IPSLUAT CYNERGY3-IPSLUAT Datasheet
954Kb / 2P
   Low Range, Intrinsically Safe Pressure Sensor
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
logo
Pepperl+Fuchs Inc.
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
   Intrinsically safe Bluetooth짰 handheld
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
   Intrinsically Safe Sensors
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
   Intrinsically safe Ethernet Isolator
IDENT-EX01NU_DZ1 PF-IDENT-EX01NU_DZ1 Datasheet
741Kb / 2P
   Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
   Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
   Intrinsically safe Bluetooth짰 handheld
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com