Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61091 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61091
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61091 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61091 Datasheet HTML 7Page - Texas Instruments TPS61091 Datasheet HTML 8Page - Texas Instruments TPS61091 Datasheet HTML 9Page - Texas Instruments TPS61091 Datasheet HTML 10Page - Texas Instruments TPS61091 Datasheet HTML 11Page - Texas Instruments TPS61091 Datasheet HTML 12Page - Texas Instruments TPS61091 Datasheet HTML 13Page - Texas Instruments TPS61091 Datasheet HTML 14Page - Texas Instruments TPS61091 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
DESIGN PROCEDURE
Programming the Output Voltage
R3 + R4
V
O
V
FB
* 1 + 200 kW
V
O
500 mV *
1
(1)
C
parR3 +
10 pF
200 kW
R4
–1
(2)
SW
C1
Power
Supply
L1
R1
R2
VBAT
VOUT
FB
C2
C3
LBO
PGND
LBI
SYNC
EN
GND
TPS6109x
VOUT
Boost Output
Low Battery
Output
R3
R4
R5
Programming the LBI/LBO Threshold Voltage
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
The TPS6109x dc/dc converters are intended for systems powered by a dual or triple cell NiCd or NiMH battery
with a typical terminal voltage between 1.8 V and 5.5 V. They can also be used in systems powered by one-cell
Li-Ion with a typical stack voltage between 2.5 V and 4.2 V. Additionally, two or three primary and secondary
alkaline battery cells can be the power source in systems where the TPS6109x is used.
The output voltage of the TPS61090 dc/dc converter section can be adjusted with an external resistor divider.
The typical value of the voltage on the FB pin is 500 mV. The maximum allowed value for the output voltage is
5.5 V. The current through the resistive divider should be about 100 times greater than the current into the FB
pin. The typical current into the FB pin is 0.01 µA, and the voltage across R4 is typically 500 mV. Based on those
two values, the recommended value for R4 should be lower than 500 k
Ω, in order to set the divider current at 1
µA or higher. Because of internal compensation circuitry the value for this resistor should be in the range of 200
k
Ω. From that, the value of resistor R3, depending on the needed output voltage (V
O), can be calculated using
Equation 1:
If as an example, an output voltage of 5.0 V is needed, a 1.8-M
Ω resistor should be chosen for R3. If for any
reason the value for R4 is chosen significantly lower than 200 k
Ω additional capacitance in parallel to R3 is
recommended. The required capacitance value can be easily calculated using Equation 2
Figure 18. Typical Application Circuit for Adjustable Output Voltage Option
The current through the resistive divider should be about 100 times greater than the current into the LBI pin. The
typical current into the LBI pin is 0.01 µA, and the voltage across R2 is equal to the LBI voltage threshold that is
generated on-chip, which has a value of 500 mV. The recommended value for R2is therefore in the range of 500
k
Ω. From that, the value of resistor R1, depending on the desired minimum battery voltage V
BAT, can be
calculated using Equation 3.
11


Similar Part No. - TPS61091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61091RSAR TI1-TPS61091RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61091RSARG4 TI1-TPS61091RSARG4 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results

Similar Description - TPS61091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com