Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4152N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC4152N
Description  Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4152N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC4152N Datasheet HTML 1Page - Fairchild Semiconductor RC4152N Datasheet HTML 2Page - Fairchild Semiconductor RC4152N Datasheet HTML 3Page - Fairchild Semiconductor RC4152N Datasheet HTML 4Page - Fairchild Semiconductor RC4152N Datasheet HTML 5Page - Fairchild Semiconductor RC4152N Datasheet HTML 6Page - Fairchild Semiconductor RC4152N Datasheet HTML 7Page - Fairchild Semiconductor RC4152N Datasheet HTML 8Page - Fairchild Semiconductor RC4152N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RC4152
PRODUCT SPECIFICATION
5
Principles of Operation
The RC4152 contains the following components: an open
loop comparator, a precision one-shot timer, a switched volt-
age reference, a switched current source, and an open collec-
tor logic output transistor. These functional blocks are
internally interconnected. Thus, by adding some external
resistors and capacitors, a designer can create a complete
voltage-to-frequency converter.
The comparator’s output controls the one-shot (monostable
timer). The one-shot in turn controls the switched voltage
reference, the switched current source and the open collector
output transistor. The functional block diagram shows the
components and their interconnection.
To detail, if the voltage at pin 7 is greater than the voltage at
pin 6, the comparator switches and triggers the one-shot.
When the one-shot is triggered, two things happen. First, the
one-shot begins its timing period. Second, the one-shot’s
output turns on the switched voltage reference, the switched
current source and the open collector output transistor.
The one-shot creates its timing period much like the popular
555 timer does, by charging a capacitor from a resistor tied
to +VS. The one-shot senses the voltage on the capacitor
(pin 5) and ends the timing period when the voltage reaches
2/3 of the supply voltage. At the end of the timing period, the
capacitor is discharged by a transistor similar to the open
collector output transistor.
Meanwhile, during the timing period of the one-shot, the
switched current source, the switched voltage reference, and
the open collector output transistor all will be switched on.
The switched current source (pin 1) will deliver a current
proportional to both the reference and an external resistor,
RS. The switched reference (pin 2) will supply an output
voltage equal to the internal reference voltage (2.25V). The
open collector output transistor we be turned on, forcing the
logic output (pin 3) to a low state. At the end of the timing
period all of these outputs will turn off. The switched voltage
reference has produced an off-on-off voltage pulse, the
switched current source has emitted a quanta of charge, and
the open collector output has transmitted a logic pulse.
To summarize, the purpose of the circuit is to produce a cur-
rent pulse, well-defined in amplitude and duration, and to
simultaneously produce an output pulse which is compatible
with most logic families. The circuit's outputs show a pulse
waveform in response to a voltage difference between the
comparators inputs.
Figure 1. Single Supply VFC
4152-04
4152
1
2
3
4
5
6
7
8
+VS
Switched
Current
Source
Switched
Voltage
Reference
Voltage
Reference
Precision
One Shot
Open Collector
Logic Output
Transistor
Open Loop
Comparator
Ground
LOAD
R O
C
O
0.01 F
m
VIN
0 to +10V
C
Integrator
B
R
B
RS
Current Setting Resistor
R
S = 16.7K
R
I
OUT
F
Open Collector Output
OUT
One Shot
Timing
100K


Similar Part No. - RC4152N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - RC4152N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com