Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T55A226M010C0500 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T55A226M010C0500
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55A226M010C0500 Datasheet(HTML) 3 Page - Vishay Siliconix

  T55A226M010C0500 Datasheet HTML 1Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 2Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 3Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 4Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 5Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 6Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 7Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 8Page - Vishay Siliconix T55A226M010C0500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
3
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
VOLTAGE CODE
CAPACITANCE CODE
V
CODE
CAP, μF
CODE
2.5
e
3.3
N6
4G
4.7
S6
6.3 (7)
J
6.8
W6
10
A
10
A7
12.5
B
15
E7
16
C
22
J7
20
D
33
N7
25
E
47
S7
35
V
68
W7
50
H
100
A8
150
E8
220
J8
330
N8
470
S8
680
W8
RATED VOLTAGE
CAPACITANCE
MARKING
410
AG
415
EG
6.3
3.3
NJ
6.3
4.7
SJ
6.3
6.8
WJ
6.3
10
AJ
10
3.3
NA
10
4.7
SA
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
A7JA
Simplified code of nominal
capacitance (A7: 10 μF)
Simplified code of rated
voltage (J: 6.3 (7) V)
Anode indication belt mark
+
A case
Date code
+
T, B, V, D case
Date code
NA
JS7
Anode indication belt mark
Simplified code of
rated voltage (J: 6.3 V)
Simplified code of
nominal capacitance (S7: 47 μF)
Type of series
(N: T55)
SJ
Simplified code of nominal
capacitance (S: 4.7 μF)
Simplified code of rated
voltage (J: 6.3 V)
Anode indication belt mark
+
J, P case


Similar Part No. - T55A226M010C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55A226M010C0500 VISHAY-T55A226M010C0500 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55A226M010C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com