Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73837 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP73837
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP73837_15 Datasheet HTML 6Page - Microchip Technology MCP73837_15 Datasheet HTML 7Page - Microchip Technology MCP73837_15 Datasheet HTML 8Page - Microchip Technology MCP73837_15 Datasheet HTML 9Page - Microchip Technology MCP73837_15 Datasheet HTML 10Page - Microchip Technology MCP73837_15 Datasheet HTML 11Page - Microchip Technology MCP73837_15 Datasheet HTML 12Page - Microchip Technology MCP73837_15 Datasheet HTML 13Page - Microchip Technology MCP73837_15 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MCP73837/8
DS20002071C-page 10
 2007-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-13:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-14:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-15:
Thermistor Current (ITHERM)
vs. Supply Voltage (VDD).
FIGURE 2-16:
Thermistor Current (ITHERM)
vs. Ambient Temperature (TA).
FIGURE 2-17:
Power Supply Ripple
Rejection (PSRR).
FIGURE 2-18:
Power Supply Ripple
Rejection (PSRR).
0
50
100
150
200
250
300
350
400
450
500
550
600
Junction Temperature (°C)
RPROG = 2 kΩ
0
10
20
30
40
50
60
70
80
90
100
110
120
Junction Temperature (°C)
RPROG = 10 kΩ
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
Temp = +25°C
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
Ambient Temperature (°C)
VDD = 5.2V
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
IOUT = 10 mA
COUT = 4.7 µF
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
IOUT = 100 mA
COUT = 4.7 µF


Similar Part No. - MCP73837_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP738376SIMF MICROCHIP-MCP738376SIMF Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP738376SIUN MICROCHIP-MCP738376SIUN Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73837AMIMF MICROCHIP-MCP73837AMIMF Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73837AMIUN MICROCHIP-MCP73837AMIUN Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73837B6IMF MICROCHIP-MCP73837B6IMF Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
More results

Similar Description - MCP73837_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com