Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK042CG6R7CD-W Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK042CG6R7CD-W
Description  Standard Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK042CG6R7CD-W Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  EMK042CG6R7CD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK042CG6R7CD-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CDD02
RoHS compliance product
○EMK042CG6R7CD
16V 0402 CG/C0G 6.7pF +/- 0.25pF t=0.22mmMAX
16V 01005 CG/C0G 6.7pF +/- 0.25pF t=0.009inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1
10
100
1000
10000 100000
Frequency[MHz]
EMK042CG6R7CD
Ca pa cita nce Freq.
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
DC Bia s Volta ge[V]
EMK042CG6R7CD
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000 100000
Frequency[MHz]
EMK042CG6R7CD
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
EMK042CG6R7CD
Ca pa cita nce Temp.


Similar Part No. - EMK042CG6R7CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG6R7BD-W TAIYO-YUDEN-EMK042CG6R7BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG6R7DD-W TAIYO-YUDEN-EMK042CG6R7DD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results

Similar Description - EMK042CG6R7CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK105CG471JV-F TAIYO-YUDEN-UMK105CG471JV-F Datasheet
307Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R2BD-W TAIYO-YUDEN-EMK042CG7R2BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R6CD-W TAIYO-YUDEN-EMK042CG7R6CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG7R8CD-W TAIYO-YUDEN-EMK042CG7R8CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG8R6BD-W TAIYO-YUDEN-EMK042CG8R6BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG9R2BD-W TAIYO-YUDEN-EMK042CG9R2BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG9R8BD-W TAIYO-YUDEN-EMK042CG9R8BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG060CD-W TAIYO-YUDEN-EMK042CG060CD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK107BC6225KA-T TAIYO-YUDEN-EMK107BC6225KA-T Datasheet
290Kb / 2P
   Standard Multilayer Ceramic Capacitors
EMK042CG5R2CD-W TAIYO-YUDEN-EMK042CG5R2CD-W Datasheet
287Kb / 2P
   Standard Multilayer Ceramic Capacitors
TMK042CG4R8BD-W TAIYO-YUDEN-TMK042CG4R8BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com