Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F010B-10C5FME Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS28F010B-10C5FME
Description  131072 BY 8-BIT FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010B-10C5FME Datasheet(HTML) 3 Page - Texas Instruments

  TMS28F010B-10C5FME Datasheet HTML 1Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 2Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 3Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 4Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 5Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 6Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 7Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 8Page - Texas Instruments TMS28F010B-10C5FME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TMS28F010B
131072 BY 8-BIT
FLASH MEMORY
SMJS824B – MAY 1995 – REVISED AUGUST 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device symbol nomenclature
Temperature Range Designator
L=
0
°Cto 70°C
E=
– 40
°Cto 85°C
Q=
– 40
°C to 125°C
Package Designator
FM =
Plastic Leaded Chip Carrier
DD =
Thin Small-Outline Package
DU =
Thin Small-Outline Package,
Reverse Pinout
Program / Erase Endurance
C5 = 100 000 Cycles
C4 = 10 000 Cycles
Speed Designator
-90 = 90 ns
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-12
C5
FM
L
TMS28F010B


Similar Part No. - TMS28F010B-10C5FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010A TI-TMS28F010A Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10 TI-TMS28F010A-10 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDE4 TI-TMS28F010A-10C3DDE4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDL4 TI-TMS28F010A-10C3DDL4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDQ4 TI-TMS28F010A-10C3DDQ4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS28F010B-10C5FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
logo
Sanyo Semicon Device
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com