Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4140IDGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140IDGK
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140IDGK Datasheet(HTML) 5 Page - Texas Instruments

  THS4140IDGK Datasheet HTML 1Page - Texas Instruments THS4140IDGK Datasheet HTML 2Page - Texas Instruments THS4140IDGK Datasheet HTML 3Page - Texas Instruments THS4140IDGK Datasheet HTML 4Page - Texas Instruments THS4140IDGK Datasheet HTML 5Page - Texas Instruments THS4140IDGK Datasheet HTML 6Page - Texas Instruments THS4140IDGK Datasheet HTML 7Page - Texas Instruments THS4140IDGK Datasheet HTML 8Page - Texas Instruments THS4140IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
PSRR
Power supply rejection ratio
vs Frequency (differential out)
1
Small signal frequency response
2
Large signal frequency response
3
CMMR
Common-mode rejection ratio
vs Frequency
4
Small signal frequency response
5
SR
Slew rate
6
Second harmonic distortion
vs Frequency
7
Second harmonic distortion
vs Output voltage
8, 9
Third harmonic distortion
vs Frequency
10, 11
Third harmonic distortion
vs Output voltage
12, 13
Settling time
14
Vn
Voltage noise
vs Frequency
15
Single-ended output voltage
vs Common-mode output voltage
16
VO
Output voltage
vs Differential load resistance
17
zo
Output impedance
vs Frequency
18
Input bias current
vs Supply voltage
19
Output current range
vs Supply voltage
20
Figure 1
−80
−70
−60
−50
−40
−30
−20
100 k
1 M
10 M
100 M
f − Frequency (Differential Out) − Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY (DIFFERENTIAL OUT)
VCC−
VCC
VCC = 5 V to ±15 V


Similar Part No. - THS4140IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140IDGK TI-THS4140IDGK Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140IDGKG4 TI-THS4140IDGKG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4140IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com