Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM2576HVT-ADJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2576HVT-ADJ
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 9 page
background image
Typical Performance Characteristics (Circuit of Figure 2) (Continued)
Feedback Voltage
vs Duty Cycle
Feedback Pin Current
01147638
01147604
Maximum Power Dissipation
(TO-263) (See Note 10)
Switching Waveforms
01147624
01147606
VOUT = 15V
A: Output Pin Voltage, 50V/div
B: Output Pin Current, 2A/div
C: Inductor Current, 2A/div
D: Output Ripple Voltage, 50 mV/div,
AC-Coupled
Horizontal Time Base: 5 µs/div
Load Transient Response
01147605
www.national.com
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1575SIMPLE SWITCHER 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl