Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018649 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018649
Description  Impact 3 Pair, Right Angle Power Receptacle, 2 Modules with Right Hold-Down
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018649 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018649 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018649 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
15.0A
Data Rate
N/A
Shield Type
N/A
Shielded
No
Voltage - Maximum
48V DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78348-002
Product Specification
PS-78213-001-001
Sales Drawing
SD-78348-001
Symbol/Footprint Data
SYM-78348-2011
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018649

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018649 MOLEX11-0622018649 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0622018649 MOLEX11-0622018649 Datasheet
50Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
0622018649 MOLEX11-0622018649 Datasheet
50Kb / 2P
   Impact 3 Pair, Right Angle Power Receptacle, Right Hold-Down
0622018649 MOLEX11-0622018649 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 5.70mm
0622018649 MOLEX11-0622018649 Datasheet
44Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
More results

Similar Description - 0622018649

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783481011 MOLEX11-0783481011 Datasheet
50Kb / 2P
   Impact 3 Pair, Right Angle Power Receptacle, 2 Modules with Left Hold-Down
0783481011 MOLEX1-0783481011_17 Datasheet
51Kb / 2P
   Impact 3 Pair, Right Angle Power Receptacle, 2 Modules with Left Hold-Down
0783502011 MOLEX11-0783502011 Datasheet
43Kb / 2P
   Impact 4 Pair, Right Angle Power Receptacle, 2 Modules with Right Hold-Down
0783472011 MOLEX11-0783472011 Datasheet
51Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783472044 MOLEX11-0783472044 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783472033 MOLEX11-0783472033 Datasheet
51Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783472033 MOLEX1-0783472033_17 Datasheet
49Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783502011 MOLEX1-0783502011_17 Datasheet
43Kb / 2P
   Impact 4 Pair, Right Angle Power Receptacle, 2 Modules with Right Hold-Down
0783472021 MOLEX11-0783472021 Datasheet
51Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
0783472044 MOLEX1-0783472044_17 Datasheet
49Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Right Hold-Down
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com