Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F010B Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F010B
Description  131072 BY 8-BIT FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010B Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F010B Datasheet HTML 1Page - Texas Instruments TMS28F010B Datasheet HTML 2Page - Texas Instruments TMS28F010B Datasheet HTML 3Page - Texas Instruments TMS28F010B Datasheet HTML 4Page - Texas Instruments TMS28F010B Datasheet HTML 5Page - Texas Instruments TMS28F010B Datasheet HTML 6Page - Texas Instruments TMS28F010B Datasheet HTML 7Page - Texas Instruments TMS28F010B Datasheet HTML 8Page - Texas Instruments TMS28F010B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TMS28F010B
131072 BY 8-BIT
FLASH MEMORY
SMJS824B – MAY 1995 – REVISED AUGUST 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization . . . 131072 by 8 Bits
D Pin Compatible With Existing 1-Megabit
EPROMs
D VCC Tolerance ±10%
D All Inputs/Outputs TTL Compatible
D Maximum Access/Minimum Cycle Time
’28F010B-90
90 ns
’28F010B-10
100 ns
’28F010B-12
120 ns
’28F010B-15
150 ns
D Industry-Standard Programming Algorithm
D PEP4 Version Available With 168-Hour
Burn-In, and Choice of Operating
Temperature Ranges
D 100000 and 10000 Program/Erase-Cycle
Versions Available
D Latchup Immunity of 250 mA on All Input
and Output Lines
D Low Power Dissipation (VCC = 5.5 V)
–Active Write . . . 55 mW
–Active Read... 165 mW
–Electrical Erase... 82.5 mW
–Standby . . . 0.55 mW
(CMOS-Input Levels)
D Automotive Temperature Range
– 40
°C to 125°C
description
The TMS28F010B is a 131 072 by 8 bit (104 8 576-bit), programmable read-only memory that can be electrically
bulk-erased and reprogrammed. It is available in 100 000 and 10 000 program / erase-endurance-cycle
versions.
The TMS28F010B Flash Memory is offered in a 32-lead plastic leaded chip-carrier package (shown above)
using 1,25-mm (50-mil) lead spacing ( FM suffix), a 32-lead thin small-outline package ( DD suffix), and a reverse
pinout TSOP package ( DU suffix)both shown on the following page.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A0 – A16
Address Inputs
DQ0 – DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
NC
No Internal Connection
VCC
5-V Power Supply
VPP
12-V Power Supply†
V
SS
Ground
W
Write Enable
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
† Only in Program Mode
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS28F010B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010A TI-TMS28F010A Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10 TI-TMS28F010A-10 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDE4 TI-TMS28F010A-10C3DDE4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDL4 TI-TMS28F010A-10C3DDL4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS28F010A-10C3DDQ4 TI-TMS28F010A-10C3DDQ4 Datasheet
328Kb / 22P
[Old version datasheet]   1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS28F010B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
logo
Sanyo Semicon Device
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com