Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S830HAT22IT Datasheet(PDF) 10 Page - ON Semiconductor

Part # N64S830HAT22IT
Description  64 kb Low Power Serial SRAMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S830HAT22IT Datasheet(HTML) 10 Page - ON Semiconductor

Back Button N64S830HAT22IT Datasheet HTML 5Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 6Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 7Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 8Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 9Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 10Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 11Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 12Page - ON Semiconductor N64S830HAT22IT Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
N64S830HA
http://onsemi.com
10
WRITE Status Register Instruction (WRSR)
This instruction provides the ability to write the status
register and select among several operating modes. Several
of the register bits must be set to a low ‘0’. The timing
sequence to write to the status register is shown below,
followed by the organization of the status register.
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
21
0
High−Z
Status Register Data In
SO
00
0
00
1
0
12 13 14 15
0
Figure 14. WRITE Status Register Sequence
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Hold Function
0 = Hold (Default)
1 = No Hold
Reserved
Must = 0
Mode
0 0 = Word Mode (Default)
1 0 = Page Mode
0 1 = Burst Mode
1 1 = Reserved
Figure 15. Status Register − Data to Write


Similar Part No. - N64S830HAT22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HAT22IT ONSEMI-N64S830HAT22IT Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
More results

Similar Description - N64S830HAT22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com