Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S818HAT21I Datasheet(PDF) 2 Page - ON Semiconductor

Part # N64S818HAT21I
Description  64 kb Low Power Serial SRAMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S818HAT21I Datasheet(HTML) 2 Page - ON Semiconductor

  N64S818HAT21I Datasheet HTML 1Page - ON Semiconductor N64S818HAT21I Datasheet HTML 2Page - ON Semiconductor N64S818HAT21I Datasheet HTML 3Page - ON Semiconductor N64S818HAT21I Datasheet HTML 4Page - ON Semiconductor N64S818HAT21I Datasheet HTML 5Page - ON Semiconductor N64S818HAT21I Datasheet HTML 6Page - ON Semiconductor N64S818HAT21I Datasheet HTML 7Page - ON Semiconductor N64S818HAT21I Datasheet HTML 8Page - ON Semiconductor N64S818HAT21I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
N64S818HA
http://onsemi.com
2
SO
NC
VSS
VCC
SCK
SI
CS
HOLD
VCC
SCK
SI
HOLD
SO
NC
VSS
CS
1
1
SOIC−8
TSSOP−8
Figure 1. Pin Connections
(Top View)
Table 1. DEVICE OPTIONS
Part Number
Density
Power
Supply (V)
Speed (MHz)
Package
Typical Standby
Current
Read/Write
Operating Current
N64S818HAS2
64 Kb
1.8
16
SOIC
200 nA
3 mA @ 1 Mhz
N64S818HAT2
TSSOP
Table 2. PIN NAMES
Pin Name
Pin Function
CS
Chip Select Input
SCK
Serial Clock Input
SI
Serial Data Input
SO
Serial Data Output
HOLD
Hold Input
NC
No Connect
VCC
Power
VSS
Ground
64 Kb
SRAM
Array
Decode
Logic
Clock
Circuitry
SCK
Data In
Receiver
SDI
Data Out
Buffer
SDO
Figure 2. Functional Block Diagram
HOLD
CS


Similar Part No. - N64S818HAT21I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HAT21I ONSEMI-N64S818HAT21I Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAT21IT ONSEMI-N64S818HAT21IT Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
More results

Similar Description - N64S818HAT21I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com