Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0621008200 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0621008200
Description  Impact 5 Pair, Vertical Power Receptacle, Press-Fit, LCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621008200 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0621008200 Datasheet HTML 1Page - Molex Electronics Ltd. 0621008200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
25.0A
Data Rate
N/A
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78216-001
Product Specification
PS-78213-001
Sales Drawing
SD-78216-002
Symbol/Footprint Data
SYM-78216-1001
Removal Tool for
6-Pair Vertical
Power Header and
Receptacle
0621008200
This document was generated on 10/21/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0621008200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621008200 MOLEX11-0621008200 Datasheet
37Kb / 2P
   Impact 6 Pair, Vertical Power Header, 39.00mm Stack Height, Press-Fit, LCP
0621008200 MOLEX11-0621008200 Datasheet
40Kb / 2P
   Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit, LCP
0621008200 MOLEX11-0621008200 Datasheet
36Kb / 2P
   Impact 5 Pair, Vertical Power Header, 38.00mm Stack Height, Press-Fit, LCP
0621008200 MOLEX11-0621008200 Datasheet
38Kb / 2P
   Impact 5 Pair, Vertical Power Header, 22.00mm Stack Height, Press-Fit, LCP
0621008200 MOLEX11-0621008200 Datasheet
33Kb / 2P
   Impact 6 Pair, Vertical Power Receptacle, Press-Fit, LCP
More results

Similar Description - 0621008200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782141001 MOLEX11-0782141001 Datasheet
35Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782145001 MOLEX11-0782145001 Datasheet
41Kb / 2P
   Impact 4 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782181001 MOLEX11-0782181001 Datasheet
33Kb / 2P
   Impact 6 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782121001 MOLEX11-0782121001 Datasheet
43Kb / 2P
   Impact 3 Pair, Vertical Power Receptacle, Press-Fit, LCP
0782491001 MOLEX11-0782491001 Datasheet
43Kb / 2P
   Impact 5 Pair, Right Angle Power Receptacle, Press-Fit, LCP
0782161001 MOLEX1-0782161001_17 Datasheet
39Kb / 2P
   Impact 5 Pair, Vertical Power Receptacle, Press-Fit, LCP, Glass Filled UL94-V0
0784463822 MOLEX1-0784463822_17 Datasheet
34Kb / 2P
   Impact 5 Pair, Vertical Power Header, 38.00mm Stack Height, Press-Fit, LCP
0784461022 MOLEX11-0784461022 Datasheet
40Kb / 2P
   Impact 5 Pair, Vertical Power Header, 40.00mm Stack Height, Press-Fit, LCP
0784463822 MOLEX11-0784463822 Datasheet
36Kb / 2P
   Impact 5 Pair, Vertical Power Header, 38.00mm Stack Height, Press-Fit, LCP
0786922222 MOLEX11-0786922222 Datasheet
38Kb / 2P
   Impact 5 Pair, Vertical Power Header, 22.00mm Stack Height, Press-Fit, LCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com