Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN8024DTBR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN8024DTBR2G
Description  Smart Card Interface IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN8024DTBR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCN8024DTBR2G Datasheet HTML 1Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 2Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 3Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 4Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 5Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 6Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 7Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 8Page - ON Semiconductor NCN8024DTBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCN8024
http://onsemi.com
5
ATTRIBUTES
Characteristics
Values
ESD protection
Human Body Model (HBM) (Note 1)
Card Pins (Card Interface Pins 9 − 17)
All Other Pins
Machine Model (MM)
Card Pins (Card Interface Pins 9 − 17)
All Other Pins
8 kV
2 kV
400 V
150 V
Moisture sensitivity (Note 2) SOIC−28 and TSSOP−28
Level 3
Flammability Rating Oxygen
Index: 28 to 34
UL 94 V−0 @ 0.125 in
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latch−up Test
1. Human Body Model (HBM), R = 1500 W, C = 100 pF.
2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS (Note 3)
Rating
Symbol
Value
Unit
DC/DC Converter Power Supply Voltage
VDDP
−0.3 v VDDP v 5.5
V
Power Supply from Microcontroller Side
VDD
−0.3 v VDD v 5.5
V
External Card Power Supply
CRD_VCC
−0.3 v CRD_VCC v 5.5
V
Charge Pump Output
VUP
−0.3 v VUP v 5.5
Digital Input Pins
Vin
−0.3 v Vin v VDD
V
Digital Output Pins (I/Ouc, AUX1uc, AUX2uc, INT)
Vout
−0.3 v Vout v VDD
V
Smart Card Output Pins
Vout
−0.3 v Vout v CRD_VCC
V
Thermal Resistance Junction−to−Air
SOIC−28
TSSOP−28
RqJA
75
76
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
Storage Temperature Range
Tstg
−65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
3. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = +25°C


Similar Part No. - NCN8024DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8024DTBR2G ONSEMI-NCN8024DTBR2G Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
More results

Similar Description - NCN8024DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024 Datasheet
227Kb / 16P
   Smart Card Interface IC
May, 2010 ??Rev. 0
NCN8024R ONSEMI-NCN8024R Datasheet
178Kb / 15P
   Smart Card Interface IC
October, 2012 ??Rev. 1
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com