Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25S818HA Datasheet(PDF) 2 Page - ON Semiconductor

Part # N25S818HA
Description  256 kb Low Power Serial SRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S818HA Datasheet(HTML) 2 Page - ON Semiconductor

  N25S818HA Datasheet HTML 1Page - ON Semiconductor N25S818HA Datasheet HTML 2Page - ON Semiconductor N25S818HA Datasheet HTML 3Page - ON Semiconductor N25S818HA Datasheet HTML 4Page - ON Semiconductor N25S818HA Datasheet HTML 5Page - ON Semiconductor N25S818HA Datasheet HTML 6Page - ON Semiconductor N25S818HA Datasheet HTML 7Page - ON Semiconductor N25S818HA Datasheet HTML 8Page - ON Semiconductor N25S818HA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
N25S818HA
http://onsemi.com
2
SO
NC
VSS
VCC
SCK
SI
CS
HOLD
VCC
SCK
SI
HOLD
SO
NC
VSS
CS
1
1
SOIC−8
TSSOP−8
Figure 1. Pin Connections
(Top View)
Table 1. DEVICE OPTIONS
Part Number
Density
Power
Supply (V)
Speed
(MHz)
Package
Typical Standby
Current
Read/Write
Operating Current
N25S818HAS2
256 Kb
1.8
16
SOIC
200 nA
3 mA @ 1 Mhz
N25S818HAT2
TSSOP
Table 2. PIN NAMES
Pin Name
Pin Function
CS
Chip Select Input
SCK
Serial Clock Input
SI
Serial Data Input
SO
Serial Data Output
HOLD
Hold Input
NC
No Connect
VCC
Power
VSS
Ground
SRAM
Array
Decode
Logic
Clock
Circuitry
SCK
Data In
Receiver
Data Out
Buffer
Figure 2. Functional Block Diagram
HOLD
CS
SI
SO


Similar Part No. - N25S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S818HAS21I ONSEMI-N25S818HAS21I Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S818HAS21IT ONSEMI-N25S818HAS21IT Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S818HAT21I ONSEMI-N25S818HAT21I Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S818HAT21IT ONSEMI-N25S818HAT21IT Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
More results

Similar Description - N25S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S818HA ONSEMI-N64S818HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com