Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87FBH08A Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC87FBH08A
Description  8-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBH08A Datasheet(HTML) 2 Page - ON Semiconductor

  LC87FBH08A_16 Datasheet HTML 1Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 2Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 3Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 4Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 5Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 6Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 7Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 8Page - ON Semiconductor LC87FBH08A_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LC87FBH08A
www.onsemi.com
2
Minimum Instruction Cycle Time
250ns (12MHz at VDD=2.7V to 5.5V, Ta=40C to +85C)
300ns (10MHz at VDD=2.2V to 5.5V, Ta=40C to +85C)
750ns ( 4MHz at VDD=1.8V to 5.5V, Ta=40C to +85C)
Ports
 Normal withstand voltage I/O ports
Ports I/O direction can be designated in 1-bit units
17 (P1n, P20, P21, P30, P31, P70 to P73 CF2/XT2)
Ports I/O direction can be designated in 4-bit units
8 (P0n)
Dedicated oscillator ports/input ports
1 (CF1/XT1)
Reset pin
1 (RES)
Power pins
3 (VSS1, VSS2, VDD1)
Timers
Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM)
Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler
output.
2) Interrupts are programmable in 5 different time schemes
High-speed Clock Counter
Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
Can generate output real time.
SIO
SIO0: 8-bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle =4/3 tCYC)
3) Automatic continuous data transmission (1 to 256 bits, specifiable in 1 bit units, suspension and resumption of
data transmission possible in 1 byte units)
SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
■UART1
Full duplex
7/8/9 bit data bits selectable
1 stop bit (2-bit in continuous data transmission)
Built-in baudrate generator


Similar Part No. - LC87FBH08A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
286Kb / 31P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87FBH08A_16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com