Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C76 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT93C76
Description  8-Kb Microwire Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C76 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT93C76 Datasheet HTML 3Page - ON Semiconductor CAT93C76 Datasheet HTML 4Page - ON Semiconductor CAT93C76 Datasheet HTML 5Page - ON Semiconductor CAT93C76 Datasheet HTML 6Page - ON Semiconductor CAT93C76 Datasheet HTML 7Page - ON Semiconductor CAT93C76 Datasheet HTML 8Page - ON Semiconductor CAT93C76 Datasheet HTML 9Page - ON Semiconductor CAT93C76 Datasheet HTML 10Page - ON Semiconductor CAT93C76 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT93C76
http://onsemi.com
8
PACKAGE DIMENSIONS
PDIP−8, 300 mils
CASE 646AA−01
ISSUE A
E1
D
A
L
eb
b2
A1
A2
E
eB
c
TOP VIEW
SIDE VIEW
END VIEW
PIN # 1
IDENTIFICATION
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-001.
SYMBOL
MIN
NOM
MAX
A
A1
A2
b
b2
c
D
e
E1
L
0.38
2.92
0.36
6.10
1.14
0.20
9.02
2.54 BSC
3.30
5.33
4.95
0.56
7.11
1.78
0.36
10.16
eB
7.87
10.92
E
7.62
8.25
2.92
3.80
3.30
0.46
6.35
1.52
0.25
9.27
7.87


Similar Part No. - CAT93C76

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
CAT93C76 CATALYST-CAT93C76 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
More results

Similar Description - CAT93C76

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com