Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0641AKLFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9FGV0641AKLFT
Description  6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0641AKLFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9FGV0641AKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 9Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 10Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 11Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 12Page - Integrated Device Technology 9FGV0641AKLFT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OCTOBER 18, 2016
9
6-O/P 1.8V PCIE GEN 1-2-3 CLOCK GENERATOR W/ZO=100OHMS
9FGV0641 DATASHEET
General SMBus Serial Interface Information
How to Write
Controller (host) sends a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) sends the byte count = X
IDT clock will acknowledge
Controller (host) starts sending Byte N through Byte
N+X-1
IDT clock will acknowledge each byte one at a time
Controller (host) sends a Stop bit
Note: SMBus address is latched on SADR pin.
How to Read
Controller (host) will send a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) will send a separate start bit
Controller (host) sends the read address
IDT clock will acknowledge
IDT clock will send the data byte count = X
IDT clock sends Byte N+X-1
IDT clock sends Byte 0 through Byte X (if X(H) was
written to Byte 8)
Controller (host) will need to acknowledge each byte
Controller (host) will send a not acknowledge bit
Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
Data Byte Count = X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
ACK
PstoP bit
Index Block Read Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
RT
Repeat starT
Slave Address
RD
ReaD
ACK
Data Byte Count=X
ACK
Beginning Byte N
ACK
O
OO
OO
O
Byte N + X - 1
N
Not acknowledge
PstoP bit


Similar Part No. - 9FGV0641AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0641AKLFT IDT-9FGV0641AKLFT Datasheet
267Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
logo
Renesas Technology Corp
9FGV0641AKLFT RENESAS-9FGV0641AKLFT Datasheet
649Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
More results

Similar Description - 9FGV0641AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0831 IDT-9FGV0831_16 Datasheet
339Kb / 17P
   8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0631 IDT-9FGU0631_16 Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Pericom Semiconductor C...
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
   6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com