Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0841AKLIFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9FGU0841AKLIFT
Description  8-output 1.5V PCIe Gen1-2-3 Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0841AKLIFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9FGU0841AKLIFT Datasheet HTML 7Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 8Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 9Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 10Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 11Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 12Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 13Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 14Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OCTOBER 18, 2016
11
8-OUTPUT 1.5V PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
9FGU0841 DATASHEET
SMBus Table: Output Enable Register
1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
DIF OE7
Output Enable
RW
Low/Low
Enabled
1
Bit 6
DIF OE6
Output Enable
RW
Low/Low
Enabled
1
Bit 5
DIF OE5
Output Enable
RW
Low/Low
Enabled
1
Bit 4
DIF OE4
Output Enable
RW
Low/Low
Enabled
1
Bit 3
DIF OE3
Output Enable
RW
Low/Low
Enabled
1
Bit 2
DIF OE2
Output Enable
RW
Low/Low
Enabled
1
Bit 1
DIF OE1
Output Enable
RW
Low/Low
Enabled
1
Bit 0
DIF OE0
Output Enable
RW
Low/Low
Enabled
1
1. A low on these bits will overide the OE# pin and force the differential output Low/Low
SMBus Table: SS Readback and Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
SSENRB1
SS Enable Readback Bit1
R
Latch
Bit 6
SSENRB1
SS Enable Readback Bit0
R
Latch
Bit 5
SSEN_SWCNTRL
Enable SW control of SS
RW
Values in B1[7:6]
control SS amount
Values in B1[4:3]
control SS amount.
0
Bit 4
SSENSW1
SS Enable Software Ctl Bit1
RW1
0
Bit 3
SSENSW0
SS Enable Software Ctl Bit0
RW1
0
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.55V
01 = 0.65V
1
Bit 0
AMPLITUDE 0
RW
10= 0.7V
11 = 0.8V
0
1. B1[5] must be set to a 1 for these bits to have any effect on the part.
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
SLEWRATESEL DIF7
Adjust Slew Rate of DIF7
RW
Slow Setting
Fast Setting
1
Bit 6
SLEWRATESEL DIF6
Adjust Slew Rate of DIF6
RW
Slow Setting
Fast Setting
1
Bit 5
SLEWRATESEL DIF5
Adjust Slew Rate of DIF5
RW
Slow Setting
Fast Setting
1
Bit 4
SLEWRATESEL DIF4
Adjust Slew Rate of DIF4
RW
Slow Setting
Fast Setting
1
Bit 3
SLEWRATESEL DIF3
Adjust Slew Rate of DIF3
RW
Slow Setting
Fast Setting
1
Bit 2
SLEWRATESEL DIF2
Adjust Slew Rate of DIF2
RW
Slow Setting
Fast Setting
1
Bit 1
SLEWRATESEL DIF1
Adjust Slew Rate of DIF1
RW
Slow Setting
Fast Setting
1
Bit 0
SLEWRATESEL DIF0
Adjust Slew Rate of DIF0
RW
Slow Setting
Fast Setting
1
SMBus Table: Nominal Vhigh Amplitude Control/ REF Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
RW
00 = Slowest
01 = Slow
0
Bit 6
RW
10 = Fast
11 = Faster
1
Bit 5
REF Power Down Function
Wake-on-Lan Enable for REF
RW
REF does not run in
Power Down
REF runs in Power
Down
0
Bit 4
REF OE
REF Output Enable
RW
Low
Enabled
1
Bit 3
1
Bit 2
1
Bit 1
1
Bit 0
1
Byte 4 is Reserved
Reserved
00' for SS_EN_tri = 0, '01' for SS_EN_tri
= 'M', '11 for SS_EN_tri = '1'
00' = SS Off, '01' = -0.25% SS,
'10' = Reserved, '11'= -0.5% SS
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
REF
Slew Rate Control


Similar Part No. - 9FGU0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0841AKLIFT RENESAS-9FGU0841AKLIFT Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results

Similar Description - 9FGU0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
   4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com