Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0631CKLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGU0631CKLFT
Description  6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0631CKLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGU0631CKLFT Datasheet HTML 1Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 2Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 3Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 4Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGU0631CKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
9FGU0631 OCTOBER 18, 2016
1
©2016 Integrated Device Technology, Inc.
6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0631
Description
The 9FGU0631 is a member of IDT's 1.5V Ultra-Low-Power
PCIe clock family. The device has 6 output enables for clock
management, 2 different spread spectrum levels in addition to
spread off and 2 selectable SMBus addresses.
Recommended Application
1.5V PCIe Gen1-2-3 Clock Generator
Output Features
6 - 100MHz Low-Power (LP) HCSL DIF pairs
1 - 1.5V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <60ps
DIF phase jitter is PCIe Gen2 and Gen3 compliant
REF phase jitter is < 3.0ps RMS
Features/Benefits
LP-HCSL outputs; save 12 resistors compared to standard
PCIe devices
45mW typical power consumption; reduced thermal
concerns
Outputs can optionally be supplied from any voltage
between 1.05 and 1.5V; maximum power savings
OE# pins; support DIF power management
Programmable Slew rate for each output; allows tuning for
various line lengths
Programmable output amplitude; allows tuning for various
application environments
DIF outputs blocked until PLL is locked; clean system
start-up
Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
3.3V tolerant SMBus interface works with legacy controllers
Space saving 40-pin 5x5 mm VFQFPN; minimal board
space
Block Diagram
XIN/CLKIN_25
X2
CONTROL
LOGIC
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SS Capable PLL
OSC
REF1.5
vOE(5:0)#
SCLK_3.3
vSADR
DIF5
DIF4
DIF3
DIF2
DIF1
DIF0


Similar Part No. - 9FGU0631CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0631CKLFT RENESAS-9FGU0631CKLFT Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
More results

Similar Description - 9FGU0631CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com